Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4046212RFS Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 72Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 73Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 74Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 75Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 76Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 77Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 78Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 79Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 157 page
background image
HD404629R Series
74
 1 output: The operation is basically the same as that of timer-B’s 1 output.
 PWM output: The operation is basically the same as that of timer-C’s PWM output.
• Input capture timer operation: The input capture timer counts the clock cycles between trigger edges
input to pin EVND.
Either falling or rising edge, or both falling and rising edges of input signals can be selected as the
trigger input edge by detection edge select register 2 (ESR2: $027).
When a trigger edge is input to EVND, the count of timer D is written to timer read register D (TRDL:
$011, TRDU: $012), and the timer D interrupt request flag (IFTD: $003, bit 0) and the input capture
status flag (ICSF: $021, bit 0) are set. Timer D is reset to $00, and then incremented again. While
ICSF is set, if a trigger input edge is applied to timer D, or if timer D generates an overflow, the input
capture error flag (ICEF: $021, bit 1) is set. ICSF and ICEF are reset to 0 by MCU reset or by writing
0.
By selecting the input capture operation, pin R1
2/TOD is set to R12 and timer D is reset to $00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com