Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4046212RFS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD4046212RFS Datasheet HTML 1Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 2Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 3Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 4Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 5Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 6Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 7Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 8Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 157 page
background image
HD404629R Series
AS Microcomputer Incorporating a DTMF Generator Circuit
ADE-202-048D
Rev.5.0
Sept. 1999
Description
The HD404629R Series is part of the HMCS400-Series microcomputers designed to increase program
productivity and also incorporate large-capacity memory. Each microcomputer has a high precision dual-
tone multifrequency (DTMF) generator, LCD controller/driver, A/D converter, input capture circuit, 32-
kHz oscillator for clock, and four low-power dissipation modes.
The HD404629R Series includes four chips: the HD404628R with 8-kword ROM; the HD4046212R with
12-kword ROM; the HD404629R with 16-kword ROM; the HD4074629 with 16-kword PROM.
A program can be written to the PROM by a PROM writer, which can dramatically shorten system
development periods and smooth the process from debugging to mass production.
Features
• 1,876-digit × 4-bit RAM
• 44 I/O pins, including 10 high-current pins (15 mA, max.) and 20 pins multiplexed with LCD segment
pins
• Four timer/counters
• 8-bit input capture circuit
• Three timer outputs (including two PWM out-puts)
• Two event counter inputs (including one double-edge function)
• Clock-synchronous 8-bit serial interface
• A/D converter (4 channels × 8 bits)
• LCD controller/driver (52 segments × 4 commons)
• On-chip DTMF generator
• Built-in oscillators
 Main clock: 4-MHz ceramic (an external clock is also possible)
 Subclock: 32.768-kHz crystal
• Eleven interrupt sources
 Five by external sources, including three double-edge functions
 Six by internal sources
• Subroutine stack up to 16 levels, including interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com