Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4046212RFS Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 91Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 92Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 93Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 94Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 95Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 96Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 97Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 98Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 157 page
background image
HD404629R Series
93
Bit
Initial value
Read/Write
Bit name
3
Undefined
R/W
SR7
2
Undefined
R/W
SR6
0
Undefined
R/W
SR4
1
Undefined
R/W
SR5
Serial data register (upper digit) (SRU: $007)
Figure 77 Serial Data Register (SRU)
LSB
MSB
12
34
5
67
8
Transmit clock
Serial output
data
Serial input data
latch timing
Figure 78 Serial Interface Output Timing
Port Mode Register A (PMRA: $004): This register has the following functions (figure 79).
 R2
2/SI pin function selection
 R2
3/SO pin function selection
Port mode register A (PMRA: $004) is a 2-bit write-only register, and is reset to $0 by MCU reset.
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
0
W
PMRA0
1
0
W
PMRA1
PMRA0
0
1
R23/SO mode selection
R23
SO
Port mode register A (PMRA: $004)
PMRA1
0
1
R22/SI mode selection
R22
SI
Figure 79 Port Mode Register A (PMRA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com