Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4046212RFS Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 55Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 56Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 57Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 58Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 59Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 60Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 61Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 62Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 157 page
background image
HD404629R Series
57
Pull-Up MOS Transistor Control: A program-controlled pull-up MOS transistor is provided for each
input/output pin other than input-only pins D
10 and D11.
The on/off status of all these transistors is
controlled by bit 3 (MIS3) of the miscellaneous register (MIS: $00C), and the on/off status of an individual
transistor can also be controlled by the port data register (PDR) of the corresponding pin—enabling on/off
control of that pin alone (table 23 and figure 41).
The on/off status of each transistor and the peripheral function mode of each pin can be set independently.
How to Deal with Unused I/O Pins: I/O pins that are not needed by the user system (floating) must be
connected to V
CC to prevent LSI malfunctions due to noise.
These pins must either be pulled up to V
CC by
their pull-up MOS transistors or by resistors of about 100 k
Ω.
Bit
Initial value
Read/Write
Bit name
3
0
W
MIS3
2
0
W
MIS2
0
0
W
MIS0
1
0
W
MIS1
MIS2
CMOS buffer
on/off selection
for pin R23 /SO
Miscellaneous register (MIS: $00C)
0
1
On
Off
Refer to figure 18 in the
operation modes section.
tRC selection.
MIS3
0
1
Pull-up MOS
on/off selection
Off
On
MIS1
MIS0
Figure 41 Miscellaneous Register (MIS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com