Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD4046212RFS Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # HD4046212RFS
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 99Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 100Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 101Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 102Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 103Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 104Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 105Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 106Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 157 page
background image
HD404629R Series
101
System Clock Select Register (SSR: $029): Four-bit write-only register. This register must be set to the
value specified in figure 91 depending on the frequency of the oscillator connected to the OSC
1 and OSC2
pins. Note that if the combination of the oscillation frequency and the value in this register is different
from that specified in figure 91, the DTMF output frequencies will differ from the correct frequencies as
listed in figure 89.
Bit
Initial value
Read/Write
Bit name
3
0
W
SSR3
2
0
W
SSR2
0
0
W
SSR0
1
0
W
SSR1
System clock select register (SSR: $029)
SSR1
0
0
1
1
System clock selection
400 kHz
800 kHz
2 MHz
4 MHz
SSR0
0
1
0
1
SSR2
0
1
ratio selection
fSUB = fX/8
fSUB = fX/4
SSR3
0
1
32-kHz oscillation stop
Oscillation operates in stop mode
Oscillation stops in stop mode
32-kHz oscillation division
Note: SSR3 is cleared only by a RESET input. SSR3 will not be cleared by a
STOPC input during stop
mode, and will retain its value. SSR3 will also not be cleared upon entering stop mode.
Figure 91 System Clock Select Register (SSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com