| Electronic Components Datasheet Search |
|
H8/3003 Datasheet(PDF) 585 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Datasheet(HTML) 585 Page - Renesas Technology Corp |
|
585 / 715 page ![]() Table A-1 Instruction Set (cont) 8. Block transfer instructions Condition Code Mnemonic Operation I H N Z V C EEPMOV. B — if R4L ≠ 0 then 4 —————— 8+ repeat @R5 → @R6 4n*2 R5+1 → R5 R6+1 → R6 R4L–1 → R4L until R4L=0 else next EEPMOV. W — if R4 ≠ 0 then 4 —————— 8+ repeat @R5 → @R6 4n*2 R5+1 → R5 R6+1 → R6 R4L–1 → R4 until R4=0 else next Notes: 1. The number of states is the number of states required for execution when the instruction and its operands are located in on-chip memory. For other cases see section A.3, Number of States Required for Execution. 2. n is the value set in register R4L or R4. 1 Set to 1 when a carry or borrow occurs at bit 11; otherwise cleared to 0. 2 Set to 1 when a carry or borrow occurs at bit 27; otherwise cleared to 0. 3 Retains its previous value when the result is zero; otherwise cleared to 0. 4 Set to 1 when the adjustment produces a carry; otherwise retains its previous value. 5 The number of states required for execution of an instruction that transfers data in synchronization with the E clock is variable. 6 Set to 1 when the divisor is negative; otherwise cleared to 0. 7 Set to 1 when the divisor is zero; otherwise cleared to 0. 8 Set to 1 when the quotient is negative; otherwise cleared to 0. Addressing Mode and Instruction Length (bytes) No. of States *1 567 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |