Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MF0MMGA6 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
22
For queued operations, the SPI queues reside in system memory external to the DSPI. Data transfers between the memory and
the DSPI FIFOs are accomplished through the use of the eDMA controller or through host software.
The DSPI supports these SPI features:
•
Full-duplex, synchronous transfers
•
Selectable LVDS Pads working at 40 MHz for SOUT, SIN and SCK pins
•
Master and Slave Mode
•
Buffered transmit operation using the TX FIFO with parameterized depth of 1 to 16 entries
•
Buffered receive operation using the RX FIFO with parameterized depth of 1 to 16 entries
•
TX and RX FIFOs can be disabled individually for low-latency updates to SPI queues
•
Visibility into the TX and RX FIFOs for ease of debugging
•
FIFO Bypass Mode for low-latency updates to SPI queues
•
Programmable transfer attributes on a per-frame basis:
— Parameterized number of transfer attribute registers (from two to eight)
— Serial clock with programmable polarity and phase
— Various programmable delays:
– PCS to SCK delay
–SCK to PCS delay
– Delay between frames
— Programmable serial frame size of 4 to 16 bits, expandable with software control
— Continuously held chip select capability
•
6 Peripheral Chip Selects, expandable to 64 with external demultiplexer
•
Deglitching support for up to 32 Peripheral Chip Selects with external demultiplexer
•
DMA support for adding entries to TX FIFO and removing entries from RX FIFO:
— TX FIFO is not full (TFFF)
— RX FIFO is not empty (RFDF)
•
6 Interrupt conditions:
— End of queue reached (EOQF)
— TX FIFO is not full (TFFF)
— Transfer of current frame complete (TCF)
— Attempt to transmit with an empty Transmit FIFO (TFUF)
— RX FIFO is not empty (RFDF)
— FIFO Underrun (slave only and SPI mode, the slave is asked to transfer data when the TxFIFO is empty)
— FIFO Overrun (serial frame received while RX FIFO is full)
•
Modified transfer formats for communication with slower peripheral devices
•
Continuous Serial Communications Clock (SCK)
•
Power savings via support for Stop Mode
•
Enhanced DSI logic to implement a 32-bit Timed Serial Bus (TSB) configuration, supporting the Microsecond Bus
downstream frame format
The DSPIs also support these features unique to the DSI and CSI configurations:
•
2 sources of the serialized data:
— eTPU_A and eMIOS output channels
— Memory-mapped register in the DSPI
•
Destinations for the deserialized data:
— eTPU_A and eMIOS input channels
— SIU External Interrupt Request inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com