Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MF0MMGA6 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
68
8d
Lvi5p0_h
CC
C LVI 5 V hysteresis
—
60
—
mV
9
Por5V_r
CC
C Nominal POR for rising 5 V
VDDREG supply
—
2.6
—
V
9a
—
CC
C Variation of POR for rising
5 V VDDREG supply
Por5V_r–
35%
Por5V_r
Por5V_r+
35%
V
9b
Por5V_f
CC
C Nominal POR for falling 5 V
VDDREG supply
—
2.4
—
V
9c
—
CC
C Variation of POR for falling
5 V VDDREG supply
Por5V_f–
35%
Por5V_f
Por5V_f+
35%
V
1 The limits will be reviewed after data collection from 3 different lots in a full production environment.
2 Using external ballast transistor.
3 Min range is extended to 10% since Lvi1p2 is reprogrammed from 1.2 V to 1.16 V after power-on reset.
4 LVI for falling supply is calculated as LVI rising - LVI hysteresis.
5 Lvi1p2 tracks DC target variation of internal Vdd regulator. Minimum and maximum Lvi1p2 correspond to minimum
and maximum Vdd DC target respectively.
6 Lvi3p3 tracks DC target variation of internal Vdd33 regulator. Minimum and maximum Lvi3p3 correspond to
minimum and maximum Vdd33 DC target respectively.
Table 15. PMC electrical characteristics (continued)
ID
Name
C
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com