Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MF0MMGA6 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
69
3.6.1
Regulator example
Figure 7. Core Voltage Regulator Controller External Components Preferred Configuration
3.6.2
Recommended power transistors
The following NPN transistors are recommended for use with the on-chip voltage regulator controller: ON SemiconductorTM
BCP68T1 or NJD2873 as well as Philips SemiconductorTM BCP68. The collector of the external transistor is preferably
connected to the same voltage supply source as the output stage of the regulator.
Table 16. Recommended operating characteristics
Symbol
Parameter
Value
Unit
hFE (β)
DC current gain (Beta)
60 – 550
—
PD
Absolute minimum power dissipation
>1.0
(1.5 preferred)
W
ICMaxDC Minimum peak collector current
1.0
A
VCESAT Collector-to-emitter saturation voltage
> 2001
1 Adjust resistor at bipolar transistor collector for 3.3 V/5.0 V to avoid VCE < VCE
SAT
mV
VBE
Base-to-emitter voltage
>0.7
V
MCU
The resistor may or may
not be required.
This depends on the
allowable power dissipation of
the npn bypass transistor
device.
The bypass transistor
MUST be operated out
of saturation region.
Mandatory decoupling capacitor
network
VDDREG
VRCCTL
VDD
VSS
VRCCTL capacitor is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com