Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MF0MMGA6 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
87
3 This parameter is supplied for reference and is not guaranteed by design and not tested.
4 Delay and rise/fall are measured to 20% or 80% of the respective signal.
5 This parameter is guaranteed by characterization before qualification rather than 100% tested.
6 In high swing mode, high/low swing pad Vol and Voh values are the same as those of the slew controlled output pads
7 Medium Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown.
8 Output delay is shown in Figure 8. Add a maximum of one system clock to the output delay for delay with respect
to system clock.
9 Can be used on the tester.
10 This drive select value is not supported. If selected, it will be approximately equal to 11.
11 Slow Slew-Rate Controlled Output buffer. Contains an input buffer and weak pullup/pulldown.
12 Selectable high/low swing IO pad with selectable slew in high swing mode only.
13 Fast pads are 3.3 V pads.
14 Stand alone input buffer. Also has weak pull-up/pull-down.
Table 31. Pad AC specifications (3.3 V)1
Pad Type
C
Output Delay (ns)2,3
Low-to-High /
High-to-Low
Rise/Fall Edge (ns)3,4
Drive Load
(pF)
SRC/DSC
Min
Max
Min
Max
MSB,LSB
Medium5,6,7
CC
D
5.8/4.4
18/17
2.7/2.1
7.6/8.5
50
118
CC
D
16/13
46/49
11.2/8.6
30/34
200
N/A
109
CC
D
14/16
37/45
6.5/6.7
15.5/19
50
01
CC
D
27/27
69/82
15/13
38/43
200
CC
D
83/86
200/210
38/38
86/86
50
00
CC
D
113/109
270/285
53/46
120/120
200
Slow7,10
CC
D
9.2/6.9
27/28
5.5/4.1
15/17
50
11
CC
D
30/23
81/87
21/16
57/63
200
N/A
109
CC
D
31/31
80/90
15.4/15.4
38/42
50
01
CC
D
58/52
144/155
32/26
82/85
200
CC
D
162/168
415/415
80/82
190/190
50
00
CC
D
216/205
533/540
106/95
250/250
200
MultiV7,11
(High Swing Mode)
CC
D
3.7/3.1
5.7/5.6
30
118
CC
D
TBD
TBD
200
N/A
109
CC
D
32
15/15
50
01
CC
D
72
38/46
200
CC
D
210
100/100
50
00
CC
D
295
134/134
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com