Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MF0MMGA6 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
77
3.9
I/O Pad current specifications
NOTE
MPC5634M devices use two sets of I/O pads (5 V and 3.3 V). See Table 1 and Table 4 in
Section 2.6, “Signal summary,” for the pad type associated with each signal.
The power consumption of an I/O segment depends on the usage of the pins on a particular segment. The power consumption
is the sum of all output pin currents for a particular segment. The output pin current can be calculated from Table 20 based on
the voltage, frequency, and load on the pin. Use linear scaling to calculate pin currents for voltage, frequency, and load
parameters that fall outside the values given in Table 20.
Table 20. I/O pad average IDDE specifications
1
Pad
Type
Symbol
C
Period
(ns)
Load2
(pF)
VDDE
(V)
Drive/Slew
Rate Select
IDDE Avg
(mA)3
IDDE
RMS
(mA)
Slow
IDRV_SSR_HV
CC
D
37
50
5.25
11
9
–
CC
D
130
50
5.25
01
2.5
–
CC
D
650
50
5.25
00
0.5
–
CC
D
840
200
5.25
00
1.5
–
Medium
IDRV_MSR_HV
CC
D
24
50
5.25
11
14
–
CC
D
62
50
5.25
01
5.3
–
CC
D
317
50
5.25
00
1.1
–
CC
D
425
200
5.25
00
3
–
Fast
IDRV_FC
CC
D
10
50
3.6
11
50.4
101.6
CC
D
10
30
3.6
10
14.2
57.3
CC
D
10
20
3.6
01
16.4
43.6
CC
D
10
10
3.6
00
9.8
15.9
CC
D
10
50
1.98
11
22.9
45.3
CC
D
10
30
1.98
10
6.7
25.3
CC
D
10
20
1.98
01
4.5
17.3
CC
D
10
10
1.98
00
3
9.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com