Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MF0MMGA6 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
14
Multiple processors can assert interrupt requests to each other through software setable interrupt requests. These same software
setable interrupt requests also can be used to break the work involved in servicing an interrupt request into a high priority portion
and a low priority portion. The high priority portion is initiated by a peripheral interrupt request, but then the ISR asserts a
software setable interrupt request to finish the servicing in a lower priority ISR. Therefore these software setable interrupt
requests can be used instead of the peripheral ISR scheduling a task through the RTOS.
The INTC provides the following features:
•
356 peripheral interrupt request sources
•
8 software setable interrupt request sources
•
9-bit vector addresses
•
Unique vector for each interrupt request source
•
Hardware connection to processor or read from register
•
Each interrupt source can be programmed to one of 16 priorities
•
Preemptive prioritized interrupt requests to processor
•
ISR at a higher priority preempts executing ISRs or tasks at lower priorities
•
Automatic pushing or popping of preempted priority to or from a LIFO
•
Ability to modify the ISR or task priority to implement the priority ceiling protocol for accessing shared resources
•
Low latency—three clocks from receipt of interrupt request from peripheral to interrupt request to processor
This device also includes a non-maskable interrupt (NMI) pin that bypasses the INTC and multiplexing logic.
1.3.5
FMPLL
The FMPLL allows the user to generate high speed system clocks from a 4 MHz to 20 MHz crystal oscillator or external clock
generator. Further, the FMPLL supports programmable frequency modulation of the system clock. The PLL multiplication
factor, output clock divider ratio are all software configurable. The PLL has the following major features:
•
Input clock frequency from 4 MHz to 20 MHz
•
Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz, resulting in system clock frequencies from
16 MHz to 80 MHz with granularity of 4 MHz or better
•
Reduced frequency divider (RFD) for reduced frequency operation without forcing the PLL to relock
•
3 modes of operation
— Bypass mode with PLL off
— Bypass mode with PLL running (default mode out of reset)
— PLL normal mode
•
Each of the three modes may be run with a crystal oscillator or an external clock reference
•
Programmable frequency modulation
— Modulation enabled/disabled through software
— Triangle wave modulation up to 100 kHz modulation frequency
— Programmable modulation depth (0% to 2% modulation depth)
— Programmable modulation frequency dependent on reference frequency
•
Lock detect circuitry reports when the PLL has achieved frequency lock and continuously monitors lock status to
report loss of lock conditions
•
Clock Quality Module
— detects the quality of the crystal clock and cause interrupt request or system reset if error is detected
— detects the quality of the PLL output clock. If an error is detected, causes a system reset or switches the system
clock to the crystal clock and causes an interrupt request
•
Programmable interrupt request or system reset on loss of lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com