Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MF0MMGA6 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
99
3.16.4
eMIOS timing
3.16.5
DSPI timing
Table 36. eMIOS timing1
1 eMIOS timing specified at f
SYS = 80 MHz, VDD = 1.14 V to 1.32 V, VDDEH = 4.5 V to 5.25 V, TA = TL to TH, and CL
= 50 pF with SRC = 0b00.
#
Symbol
C
Characteristic
Min.
Value
Max.
Value
Unit
1
tMIPW
CC
D
eMIOS Input Pulse Width
4
—
tCYC
2
tMOPW
CC
D
eMIOS Output Pulse Width
1
—
tCYC
Table 37. DSPI timing1,2
#
Symbol
C
Characteristic
40 MHz
60 MHz
80 MHz
Unit
Min.
Max.
Min.
Max.
Min.
Max.
1tSCK
CC
D
SCK Cycle Time3,4
48.8
ns
5.8 ms
28.4
ns
3.5 ms
24.4
ns
2.9 ms
—
2tCSC
CC
D
PCS to SCK Delay5
46
—
26
—
22
—
ns
3tASC
CC
D
After SCK Delay6
45
—
25
—
21
—
ns
4tSDC
CC
D
SCK Duty Cycle
(
½tSC)
– 2
(
½tSC)
+ 2
(
½tSC)
– 2
(
½tSC)
+ 2
(
½tSC)
– 2
(
½tSC)
+ 2
ns
5tA
CC
D
Slave Access Time
(SS active to SOUT
driven)
—25—25
—25
ns
6tDIS
CC
D
Slave SOUT
Disable Time
(SS inactive to
SOUT High-Z or
invalid)
—25—25
—25
ns
7tPCSC
CC
D
PCSx to PCSS time
4—4—4—
ns
8tPASC
CC
D
PCSS to PCSx time
5
—
5
—
5
—
ns
9tSUI
CC
Data Setup Time for Inputs
D
Master (MTFE = 0)
20
—
20
—
20
—
ns
D
Slave
2
—2—2—
D
Master (MTFE = 1,
CPHA = 0)7
–4
—6—8—
D
Master (MTFE = 1,
CPHA = 1)
20
—
20
—
20
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com