Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MF0MMGA6 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 118 page
background image
Electrical characteristics
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
83
3.11
Temperature sensor electrical characteristics
3.12
eQADC electrical characteristics
Table 25. Temperature sensor electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
min
typical
max
—
CC
C Temperature
monitoring range
–40
—
150
°C
—
CC
C Sensitivity
—
6.3
—
mV/°C
—
CC
C Accuracy
TJ = –40 to 150 °C
–5
—
5
°C
Table 26. eQADC conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
fADCLK
CC
C
ADC clock (ADCLK) frequency
2
16
MHz
CC
CC
C
Conversion cycles
2+13
128+14
ADCLK
cycles
TSR
CC
C
Stop mode recovery time1
—10
μs
—CC
C
Resolution2
1.25
—
mV
OFFNC
CC
C
Offset error without calibration
0
100
Counts
OFFWC
CC
C
Offset error with calibration
–4
4
Counts
GAINNC
CC
C
Full scale gain error without calibration
–120
0
Counts
GAINWC
CC
C
Full scale gain error with calibration
–4
4
Counts
IINJ
CC
C
Disruptive input injection current 3, 4, 5, 6
–3
3
mA
EINJ
CC
C
Incremental error due to injection current7,8
–4
4
Counts
TUE8
CC
C
Total unadjusted error (TUE) at 8 MHz
–4
46
Counts
TUE16
CC
C
Total unadjusted error at 16 MHz
–8
8
Counts
GAINVGA1
CC
–
Variable gain amplifier accuracy (gain=1)9
CC
P
INL
8 MHz ADC
–4
4
Counts10
CC
P
16 MHz ADC
–8
8
Counts
CC
P
DNL
8 MHz ADC
–311
311
Counts
CC
P
16 MHz ADC
–311
311
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com