Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5632MF0MMGA6 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC5632MF0MMGA6 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
96
3.16.3
Calibration bus interface timing
Table 35. Calibration bus operation timing 1
1 Calibration bus timing specified at f
SYS = 80 MHz, VDD = 1.14 V to 1.32 V, VDDE = 1.62 V to 3.6 V (unless stated
otherwise), TA = TL to TH, and CL = 30 pF with DSC = 0b10.
#
Symbol
C
Characteristic
66 MHz (ext. bus)2
2 The external bus is limited to half the speed of the internal bus. The maximum external bus frequency is 66 MHz.
Unit
Notes
Min
Max
1
TC
CC
P
CLKOUT Period
15.2
—
ns
Signals are
measured at 50%
VDDE.
2
tCDC
CC
D
CLKOUT duty cycle
45%
55%
TC
3
tCRT
CC
D
CLKOUT rise time
—
3
3 Refer to Fast Pad timing in Table 31 and Table 32 (different values for 3.3 V vs. 1.8 V).
ns
4
tCFT
CC
D
CLKOUT fall time
—
3
ns
5
tCOH
CC
P
CLKOUT Posedge to Output Signal
Invalid or High Z(Hold Time)
ADDR[8:31]
CS[0:3]
DATA[0:31]
OE
RD_WR
TS
WE[0:3]/BE[0:3]
1.04/1.5
4 The EBTS=0 timings are only valid/ tested at V
DDE=2.25-3.6 V, whereas EBTS=1 timings are valid/tested at
1.6-3.6 V.
—
ns
Hold time selectable
via
SIU_ECCR[EBTS]
bit:
EBTS=0: 1.0ns
EBTS=1: 1.5ns
6
tCOV
CC
P
CLKOUT Posedge to Output Signal Valid
(Output Delay)
ADDR[8:31]
CS[0:3]
DATA[0:31]
OE
RD_WR
TS
WE[0:3]/BE[0:3]
—
6.04/7.0
ns
Output valid time
selectable via
SIU_ECCR[EBTS]
bit:
EBTS=0: 5.5ns
EBTS=1: 6.5ns
7
tCIS
CC
P
Input Signal Valid to CLKOUT Posedge
(Setup Time)
DATA[0:31]
5.0
—
ns
8
tCIH
CC
P
CLKOUT Posedge to Input Signal Invalid
(Hold Time)
DATA[0:31]
1.0
—
ns
9
tAPW
CC
P
ALE Pulse Width5
5 Measured at 50% of ALE.
6.5
—
ns
10
tAAI
CC
P
ALE Negated to Address Invalid5
3
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com