Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 10 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 10 Page - Rohm

Back Button BD9104FVM Datasheet HTML 6Page - Rohm BD9104FVM Datasheet HTML 7Page - Rohm BD9104FVM Datasheet HTML 8Page - Rohm BD9104FVM Datasheet HTML 9Page - Rohm BD9104FVM Datasheet HTML 10Page - Rohm BD9104FVM Datasheet HTML 11Page - Rohm BD9104FVM Datasheet HTML 12Page - Rohm BD9104FVM Datasheet HTML 13Page - Rohm BD9104FVM Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
10/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Description of operations
・
Soft-start function
EN terminal shifted to “High” activates a soft-starter to gradually establish the output voltage with the current limited during
startup, by which it is possible to prevent an overshoot of output voltage and an inrush current.
・
Shutdown function
With EN terminal shifted to “Low”, the device turns to Standby Mode, and all the function blocks including reference
voltage circuit, internal oscillator and drivers are turned to OFF. Circuit current during standby is 0 μF (Typ.).
・
UVLO function
Detects whether the input voltage sufficient to secure the output voltage of this IC is supplied. And the hysteresis width of
100 mV (Typ.) is provided to prevent output chattering.
・
BD9102FVM BD9104FVM
TSS=1msec(typ.)
・
BD9106FVM
TSS=3msec(typ.)
Fig.47 Soft start, Shutdown, UVLO timing chart
・
Short-current protection circuit with time delay function
Turns OFF the output to protect the IC from breakdown when the incorporated current limiter is activated continuously for
at least 1 ms. The output thus held tuned OFF may be recovered by restarting EN or by re-unlocking UVLO.
Fig.48 Short-current protection circuit with time delay timing chart
Hysteresis 100mV
Tss
Tss
Tss
Soft start
Standby mode
Operating mode
Standby
mode
Operating mode
Standby
mode
Operating mode
Standby mode
UVLO
EN
UVLO
UVLO
VCC
EN
VOUT
1msec
Output OFF
latch
EN
VOUT
Limit
IL
Standby
mode
Operating mode
Standby
mode
Operating mode
EN
Timer latch
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com