Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 11 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 11 Page - Rohm

Back Button BD9104FVM Datasheet HTML 7Page - Rohm BD9104FVM Datasheet HTML 8Page - Rohm BD9104FVM Datasheet HTML 9Page - Rohm BD9104FVM Datasheet HTML 10Page - Rohm BD9104FVM Datasheet HTML 11Page - Rohm BD9104FVM Datasheet HTML 12Page - Rohm BD9104FVM Datasheet HTML 13Page - Rohm BD9104FVM Datasheet HTML 14Page - Rohm BD9104FVM Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
11/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Switching regulator efficiency
Efficiency ŋ may be expressed by the equation shown below:
Efficiency may be improved by reducing the switching regulator power dissipation factors PDα as follows:
Dissipation factors:
1) ON resistance dissipation of inductor and FET:PD(I
2R)
2) Gate charge/discharge dissipation:PD(Gate)
3) Switching dissipation:PD(SW)
4) ESR dissipation of capacitor:PD(ESR)
5) Operating current dissipation of IC:PD(IC)
1)PD(I
2R)=IOUT2×(RCOIL×RON) (RCOIL[Ω]:DC resistance of inductor, RON[Ω]:ON resistance of FET
IOUT[A]:Output current.)
2)PD(Gate)=Cgs×f×V (Cgs[F]:Gate capacitance of FET,f[H]:Switching frequency,V[V]:Gate driving voltage of FET)
4)PD(ESR)=IRMS
2×ESR (IRMS[A]:Ripple current of capacitor,ESR[Ω]:Equivalent series resistance.)
5)PD(IC)=Vin×ICC (ICC[A]:Circuit current.)
●
Consideration on permissible dissipation and heat generation
As this IC functions with high efficiency without significant heat generation in most applications, no special consideration is
needed on permissible dissipation or heat generation. In case of extreme conditions, however, including lower input
voltage, higher output voltage, heavier load, and/or higher temperature, the permissible dissipation and/or heat generation
must be carefully considered.
For dissipation, only conduction losses due to DC resistance of inductor and ON resistance of FET are considered.
Because the conduction losses are considered to play the leading role among other dissipation mentioned above including
gate charge/discharge dissipation and switching dissipation.
P=IOUT
2×(RCOIL+RON)
RON=D×RONP+(1-D)RONN
D:ON duty (=VOUT/VCC)
RCOIL:DC resistance of coil
RONP:ON resistance of P-channel MOS FET
RONN:ON resistance of N-channel MOS FET
IOUT:Output current
If VCC=5V, VOUT=3.3V, RCOIL=0.15Ω, RONP=0.35Ω, RONN=0.25Ω
IOUT=0.8A, for example,
D=VOUT/VCC=3.3/5=0.66
RON=0.66×0.35+(1-0.66)×0.25
=0.231+0.085
=0.316[Ω]
P=0.8
2×(0.15+0.316)
≒
298[mV]
As RONP is greater than RONN in this IC, the dissipation increases as the ON duty becomes greater. With the consideration
on the dissipation as above, thermal design must be carried out with sufficient margin allowed.
η=
VOUT×IOUT
Vin×Iin
×100[%]=
POUT
Pin
×100[%]=
POUT
POUT+PDα
×100[%]
Ambient temperature:Ta [℃]
Fig.49 Thermal derating curves
Vin
2×CRSS×IOUT×f
IDRIVE
3)PD(SW)=
(CRSS[F]:Reverse transfer capacitance of FET,IDRIVE[A]:Peak current of gate.)
0
200
400
600
800
1000
②
387.5mW
①
587.4mW
①
using an IC alone
θj-a=322.6℃/W
②
mounted on glass epoxy PCB
θj-a=212.8℃/W
0
25
50
75
100
125
150
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com