Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 12 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 12 Page - Rohm

Back Button BD9104FVM Datasheet HTML 8Page - Rohm BD9104FVM Datasheet HTML 9Page - Rohm BD9104FVM Datasheet HTML 10Page - Rohm BD9104FVM Datasheet HTML 11Page - Rohm BD9104FVM Datasheet HTML 12Page - Rohm BD9104FVM Datasheet HTML 13Page - Rohm BD9104FVM Datasheet HTML 14Page - Rohm BD9104FVM Datasheet HTML 15Page - Rohm BD9104FVM Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
12/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Selection of components externally connected
1. Selection of inductor (L)
* Current exceeding the current rating of the inductor results in magnetic saturation of the inductor, which decreases efficiency.
The inductor must be selected allowing sufficient margin with which the peak current may not exceed its current rating.
If VCC=5V, VOUT=3.3V, f=1MHz, ΔIL=0.3×0.8A=0.24A, for example,
*Select the inductor of low resistance component (such as DCR and ACR) to minimize dissipation in the inductor for better efficiency.
2. Selection of output capacitor (CO)
As the output rise time must be designed to fall within the soft-start time, the capacitance of output capacitor should be
determined with consideration on the requirements of equation (5):
In case of BD9104FVM, for instance, and if VOUT=3.3V, IOUT=0.8A, and TSS=1ms,
Inappropriate capacitance may cause problem in startup. A 10 μF to 100 μF ceramic capacitor is recommended.
3. Selection of input capacitor (Cin)
A low ESR 10μF/10V ceramic capacitor is recommended to reduce ESR dissipation of input capacitor for better efficiency.
The inductance significantly depends on output ripple current.
As seen in the equation (1), the ripple current decreases as the
inductor and/or switching frequency increases.
ΔIL=
(VCC-VOUT)×VOUT
L×VCC×f
[A]・・・(1)
Appropriate ripple current at output should be 30% more or less of the
maximum output current.
ΔIL=0.3×IOUTmax. [A]・・・(2)
L=
(VCC-VOUT)×VOUT
ΔIL×VCC×f
[H]・・・(3)
(ΔIL: Output ripple current, and f: Switching frequency)
Output capacitor should be selected with the consideration on the stability region
and the equivalent series resistance required to smooth ripple voltage.
Output ripple voltage is determined by the equation (4):
ΔVOUT=ΔIL×ESR [V]・・・(4)
(ΔIL: Output ripple current, ESR: Equivalent series resistance of output capacitor)
*Rating of the capacitor should be determined allowing sufficient margin against
output voltage. Less ESR allows reduction in output ripple voltage.
Input capacitor to select must be a low ESR capacitor of the capacitance
sufficient to cope with high ripple current to prevent high transient voltage. The
ripple current IRMS is given by the equation (6):
IRMS=IOUT×
VCC(VCC-VOUT)
VCC
[A]・・・(6)
√
When VCC is twice the Vout, IRMS=
IOUT
2
Fig.51 Output capacitor
(5-3.3)×3.3
0.24×5×1M
L=
=4.675μ → 4.7[μH]
< Worst case > IRMS(max.)
If VCC=5V, VOUT=3.3V, and IOUTmax.=0.8A,
IRMS=0.8×
5(5-3.3)
5
=0.46[ARMS]
√
Co≦
TSS×(Ilimit-IOUT)
VOUT
・・・
(5)
Tss: Soft-start time
Ilimit: Over current detection level, 2A(Typ)
Fig.52 Input capacitor
Δ
IL
Fig.50 Output ripple current
IL
VCC
IL
L
Co
VOUT
VCC
L
Co
VOUT
ESR
Co≦
1m×(2-0.8)
3.3
≒
364 [μF]
VCC
L
Co
VOUT
Cin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com