Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 1 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 1 Page - Rohm

  BD9104FVM Datasheet HTML 1Page - Rohm BD9104FVM Datasheet HTML 2Page - Rohm BD9104FVM Datasheet HTML 3Page - Rohm BD9104FVM Datasheet HTML 4Page - Rohm BD9104FVM Datasheet HTML 5Page - Rohm BD9104FVM Datasheet HTML 6Page - Rohm BD9104FVM Datasheet HTML 7Page - Rohm BD9104FVM Datasheet HTML 8Page - Rohm BD9104FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Single-chip built-in FET type Switching Regulator Series
Output 1.5A or Less High Efficiency
Step-down Switching Regulators
with Built-in Power MOSFET
BD9102FVM, BD9104FVM, BD9106FVM
●
Description
ROHM’s high efficiency step-down switching regulator (BD9102FVM, BD9104FVM, BD9106FVM) is a power supply
designed to produce a low voltage including 1.24 volts from 5 volts power supply line. Offers high efficiency with our
original pulse skip control technology and synchronous rectifier. Employs a current mode control system to provide faster
transient response to sudden change in load.
●
Features
1) Offers fast transient response with current mode PWM control system.
2) Offers highly efficiency for all load range with synchronous rectifier (Nch/Pch FET)
and SLLM
TM (Simple Light Load Mode)
3) Incorporates soft-start function.
4) Incorporates thermal protection and ULVO functions.
5) Incorporates short-current protection circuit with time delay function.
6) Incorporates shutdown function
7) Employs small surface mount package MSOP8
●
Use
Power supply for HDD, power supply for portable electronic devices like PDA, and power supply for LSI including CPU and
ASIC
●
Lineup
Parameter
BD9102FVM
BD9104FVM
BD9106FVM
Vcc voltage
4.0~5.5V
4.5~5.5V
4.0~5.5V
Output voltage
1.24V±2%
3.30V±2%
Adjustable(1.0~2.5V)
Output current
0.8A Max.
0.9A Max.
0.8A Max.
UVLO Threshold voltage
2.7V Typ.
4.1V Typ.
3.4V Typ.
Short-current protection with time delay function
built-in
built-in
built-in
Soft start function
built-in
built-in
built-in
Standby current
0μA Typ.
0μA Typ.
0μA Typ.
Operating temperature range
-25~+85℃
-25~+85℃
-25~+85℃
Package
MSOP8
MSOP8
MSOP8
●
Absolute Maximum Rating (Ta=25℃)
Parameter
Symbol
Limits
Unit
VCC voltage
VCC
-0.3~+7
*1
V
PVCC voltage
PVCC
-0.3~+7
*1
V
EN voltage
EN
-0.3~+7
V
SW,ITH voltage
SW,ITH
-0.3~+7
V
Power dissipation 1
Pd1
387.5
*2
mW
Power dissipation 2
Pd2
587.4
*3
mW
Operating temperature range
Topr
-25~+85
℃
Storage temperature range
Tstg
-55~+150
℃
Maximum junction temperature
Tjmax
+150
℃
*1
Pd should not be exceeded.
*2
Derating in done 3.1mW/℃ for temperatures above Ta=25℃.
*3
Derating in done 4.7mW/℃ for temperatures above Ta=25℃,Mounted on 70mm×70mm×1.6mm Glass Epoxy PCB
No.09027EAT34


Similar Part No. - BD9104FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9104FVM ROHM-BD9104FVM Datasheet
296Kb / 5P
1ch DC/DC Converter Controller IC built in synchronous rectifier
BD9104FVM ROHM-BD9104FVM Datasheet
1Mb / 29P
4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9104FVM-TR ROHM-BD9104FVM-TR Datasheet
2Mb / 29P
Synchronous Buck Converter Integrated FET
BD9104FVM-TR ROHM-BD9104FVM-TR Datasheet
1Mb / 29P
4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9104FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com