Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 5 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 5 Page - Rohm

  BD9104FVM Datasheet HTML 1Page - Rohm BD9104FVM Datasheet HTML 2Page - Rohm BD9104FVM Datasheet HTML 3Page - Rohm BD9104FVM Datasheet HTML 4Page - Rohm BD9104FVM Datasheet HTML 5Page - Rohm BD9104FVM Datasheet HTML 6Page - Rohm BD9104FVM Datasheet HTML 7Page - Rohm BD9104FVM Datasheet HTML 8Page - Rohm BD9104FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
5/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
■
SW waveform IO=10mA
■
SW waveform IO=200mA
■
Transient response IO=100mA → 600mA
■
Transient response IO=600mA → 100mA
Fig.13 SW waveform
Io=10mA(SLLM
TM control)
Fig.16 SW waveform
Io=200mA(PWM control)
Fig.19 Transient response
Io=100→600mA(10μs)
VOUT
IOUT
[BD9102FVM]
VOUT
IOUT
[BD9102FVM]
SW
VOUT
[BD9102FVM]
SW
VOUT
[BD9102FVM]
SW
VOUT
[BD9104FVM]
SW
VOUT
[BD9104FVM]
SW
VOUT
[BD9106FVM]
SW
VOUT
[BD9106FVM]
VOUT
IOUT
[BD9104FVM]
VOUT
IOUT
[BD9104FVM]
VOUT
IOUT
[BD9106FVM]
VOUT
IOUT
[BD9106FVM]
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
Fig.14 SW waveform
Io=10mA(SLLM
TM control)
Fig.15 SW waveform
Io=10mA(SLLM
TM control
Fig.17 SW waveform
Io=200mA(PWM control)
Fig.18 SW waveform
Io=200mA(PWM control VOUT=1.8V)
Fig.20 Transient response
Io=100→600mA(10μs)
Fig.21 Transient response
Io=100→600mA(10μs)
(VOUT=1.8V)
Fig.22 Transient response
Io=600→100mA(10μs)
Fig.23 Transient response
Io=600→100mA(10μs)
Fig.24 Transient response
Io=600→100mA(10μs)
(VOUT=1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com