Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 7 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 7 Page - Rohm

Back Button BD9104FVM Datasheet HTML 3Page - Rohm BD9104FVM Datasheet HTML 4Page - Rohm BD9104FVM Datasheet HTML 5Page - Rohm BD9104FVM Datasheet HTML 6Page - Rohm BD9104FVM Datasheet HTML 7Page - Rohm BD9104FVM Datasheet HTML 8Page - Rohm BD9104FVM Datasheet HTML 9Page - Rohm BD9104FVM Datasheet HTML 10Page - Rohm BD9104FVM Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
7/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Block diagram, Application circuit
【
BD9102FVM,BD9104FVM】
Fig.37 BD9102FVM BD9104FVM TOP View
Fig.38 BD9102FVM BD9104FVM Block diagram
Fig.39 BD9106FVM TOP View
Fig.40 BD9106FVM Block diagram
●
Pin No. & function table
Pin No.
Pin name
PIN function
1
VOUT/ADJ
Output voltage detect pin/ ADJ for BD9106FVM
2
ITH
GmAmp output pin/Connected phase compensation capacitor
3
EN
Enable pin(Active High)
4
GND
Ground
5
PGND
Nch FET source pin
6
SW
Pch/Nch FET drain output pin
7
PVCC
Pch FET source pin
8
VCC
VCC power supply input pin
8
7
6
5
VCC
PVCC
SW
PGND
1
2
3
4
VOUT
ITH
EN
GND
TOP View
8
7
6
5
VCC
PVCC
SW
PGND
1
2
3
4
ADJ
ITH
EN
GND
TOP View
BD9106FVM
VREF
OSC
UVLO
TSD
Current
Sense/
Protect
Driver
Logic
+
Soft
Start
8
7
6
5
4
2
1
3
RQ
S
EN
VCC
PVCC
10μF
5V
Input
4.7μH
SW
10μF
Output
PGND
GND
ITH
VOUT
VCC
SLOPE
Current
Comp.
Gm Amp.
VCC
CLK
VREF
OSC
UVLO
TSD
Current
Sense/
Protect
Driver
Logic
+
Soft
Start
8
7
6
5
4
2
1
3
RQ
S
EN
VCC
PVCC
10μF
5V
Input
4.7μH
SW
10μF
Output
PGND
GND
ITH
ADJ
VCC
SLOPE
Current
Comp.
Gm Amp.
VCC
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com