Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 4 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 4 Page - Rohm

  BD9104FVM Datasheet HTML 1Page - Rohm BD9104FVM Datasheet HTML 2Page - Rohm BD9104FVM Datasheet HTML 3Page - Rohm BD9104FVM Datasheet HTML 4Page - Rohm BD9104FVM Datasheet HTML 5Page - Rohm BD9104FVM Datasheet HTML 6Page - Rohm BD9104FVM Datasheet HTML 7Page - Rohm BD9104FVM Datasheet HTML 8Page - Rohm BD9104FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
4/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Characteristics data
■
VCC-VOUT
■
VEN-VOUT
■
IOUT-VOUT
■
Soft start
0
1
2
3
4
01
23
4
5
INPUT VOLTAGE:VCC[V]
0
0.5
1
1.5
2
01
23
OUTPUT CURRENT:IOUT[A]
0
0.5
1
1.5
2
0123
OUTPUT CURRENT:IOUT[A]
0
0.5
1
1.5
2
01
2
3
45
EN VOLTAGE:VEN[V]
0
1
2
3
4
01
23
45
EN VOLTAGE:VEN[V]
0
0.5
1
1.5
2
012
345
EN VOLTAGE:VEN[V]
0
0.5
1
1.5
2
01
2
3
45
INPUT VOLTAGE:VCC[V]
0
0.5
1
1.5
2
012
345
INPUT VOLTAGE:VCC[V]
Fig.2 Vcc-Vout
Fig.3 Vcc-Vout
Fig.4 Ven-Vout
Fig.5 Ven-Vout
Fig.6 Ven-Vout
Fig.7 Iout-Vout
Fig.9 Iout-Vout
Fig.10 Soft start waveform
Fig.11 Soft start waveform
Fig.12 Soft start waveform
VOUT
VCC=PVCC=EN
[BD9102FVM]
VOUT
VCC=PVCC=EN
[BD9104FVM]
VOUT
VCC=PVCC=EN
[BD9106FVM]
Ta=25℃
Ta=25℃
Ta=25℃
Fig.1 Vcc-Vout
[BD9102FVM]
Ta=25℃
[BD9104FVM]
Ta=25℃
[BD9106FVM]
Ta=25℃
[BD9102FVM]
VCC=5V
Ta=25℃
[BD9104FVM]
[BD9106FVM]
[BD9102FVM]
0
1
2
3
4
01
23
OUTPUT CURRENT:IOUT[A]
Fig.8 Iout-Vout
[BD9104FVM]
[BD9106FVM]
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃
VCC=5V
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com