Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 13 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 13 Page - Rohm

Back Button BD9104FVM Datasheet HTML 9Page - Rohm BD9104FVM Datasheet HTML 10Page - Rohm BD9104FVM Datasheet HTML 11Page - Rohm BD9104FVM Datasheet HTML 12Page - Rohm BD9104FVM Datasheet HTML 13Page - Rohm BD9104FVM Datasheet HTML 14Page - Rohm BD9104FVM Datasheet HTML 15Page - Rohm BD9104FVM Datasheet HTML 16Page - Rohm BD9104FVM Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
13/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
4. Determination of RITH, CITH that works as a phase compensator
As the Current Mode Control is designed to limit a inductor current, a pole (phase lag) appears in the low frequency area
due to a CR filter consisting of a output capacitor and a load resistance, while a zero (phase lead) appears in the high
frequency area due to the output capacitor and its ESR. So, the phases are easily compensated by adding a zero to the
power amplifier output with C and R as described below to cancel a pole at the power amplifier.
Stable feedback loop may be achieved by canceling the pole fp (Min.) produced by the output capacitor and the load resistance
with CR zero correction by the error amplifier.
5. Determination of output voltage (for BD9106FVM only)
The output voltage VOUT is determined by the equation (7):
VOUT=(R2/R1+1)×VADJ・・・(7)
VADJ: Voltage at ADJ terminal (0.8V Typ.)
With R1 and R2 adjusted, the output voltage may be determined
as required.(Adjustable output voltage range: 1.0V~2.5V)
Use 1 kΩ~100 kΩ resistor for R1. If a resistor of the resistance
higher than100 kΩ is used, check the assembled set carefully for
ripple voltage etc.
Fig.56 Determination of output voltage
Gain
[dB]
Phase
[deg]
Fig.53 Open loop gain characteristics
A
0
0
-90
A
0
0
-90
fz(Amp.)
Fig.54 Error amp phase compensation characteristics
fp=
2π×RO×CO
1
fz(ESR)=
2π×ESR×CO
1
Pole at power amplifier
When the output current decreases, the load resistance Ro
increases and the pole frequency lowers.
fp(Min.)=
2π×ROMax.×CO
1
[Hz]←with lighter load
fp(Max.)=
2π×ROMin.×CO
1
[Hz]←with heavier load
Zero at power amplifier
Increasing capacitance of the output capacitor lowers the pole
frequency while the zero frequency does not change. (This
is because when the capacitance is doubled, the capacitor
ESR reduces to half.)
fz(Amp.)=
2π×RITH.×CITH
1
GND,PGND
SW
VCC,PVCC
EN
VOUT
ITH
VCC
VOUT
Cin
RITH
CITH
L
ESR
CO
RO
VOUT
Fig.55 Typical application
fz(Amp.)= fp(Min.)
2π×RITH×CITH
1
=
2π×ROMax.×CO
1
SW
6
1
ADJ
4.7μH
10μF
R2
R1
Output
fp(Min.)
fp(Max.)
fz(ESR)
IOUTMin.
IOUTMax.
Gain
[dB]
Phase
[deg]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com