Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 14 Page - Rohm

Part # BD9104FVM
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 14 Page - Rohm

Back Button BD9104FVM Datasheet HTML 10Page - Rohm BD9104FVM Datasheet HTML 11Page - Rohm BD9104FVM Datasheet HTML 12Page - Rohm BD9104FVM Datasheet HTML 13Page - Rohm BD9104FVM Datasheet HTML 14Page - Rohm BD9104FVM Datasheet HTML 15Page - Rohm BD9104FVM Datasheet HTML 16Page - Rohm BD9104FVM Datasheet HTML 17Page - Rohm BD9104FVM Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
BD9102FVM, BD9104FVM, BD9106FVM
Technical Note
14/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
BD9102FVM, BD9104FVM, BD9106FVM Cautions on PC Board layout
Fig.57 Layout diagram
①
For the sections drawn with heavy line, use thick conductor pattern as short as possible.
②
Lay out the input ceramic capacitor CIN closer to the pins PVCC and PGND, and the output capacitor Co closer to the pin
PGND.
③
Lay out CITH and RITH between the pins ITH and GND as neat as possible with least necessary wiring.
Table1.Recommended parts list of application [BD9102FVM]
symbol
part
value
manufacturer
series
L
Inductor
4.7μH
Sumida
CMD6D11B
CIN
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CO
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CITH
Ceramic capacitor
330pF
murata
GRM18series
RITH
Resistor
30kΩ
ROHM
MCR10 3002
Table2. Recommended parts list of application [BD9104FVM]
symbol
part
value
manufacturer
series
L
Inductor
4.7μH
Sumida
CMD6D11B
CIN
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CO
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CITH
Ceramic capacitor
330pF
murata
GRM18series
RITH
Resistor
51kΩ
ROHM
MCR10 5102
Table3.Recommended parts list of application [BD9106FVM]
symbol
part
value
manufacturer
series
L
Inductor
4.7μH
Sumida
CMD6D11B
CIN
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CO
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CITH
Ceramic capacitor
750pF
murata
GRM18series
Table4.BD9106FVM RITH recommended value
Vout[V]
RITH
1.0
18kΩ
1.2
22kΩ
1.5
22kΩ
1.8
27kΩ
2.5
36kΩ
*BD9106FVM: As the resistance recommended for RITH depends on the output voltage, check the
output voltage for determination of resistance.
8
7
6
5
1
2
3
4
VOUT/ADJ
ITH
EN
GND
VCC
PVCC
SW
PGND
CO
GND
VOUT
VCC
L
①
③
EN
RITH
CITH
CIN
②



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com