Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 219 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 219 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 215Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 216Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 217Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 218Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 219Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 220Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 221Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 222Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 223Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 356 page
background image
Chapter 12 Serial Peripheral Interface (S08SPIV3)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
219
12.3
Modes of Operation
12.3.1
SPI in Stop Modes
The SPI is disabled in all stop modes, regardless of the settings before executing the STOP instruction.
During either stop1 or stop2 mode, the SPI module will be fully powered down. Upon wake-up from stop1
or stop2 mode, the SPI module will be in the reset state. During stop3 mode, clocks to the SPI module are
halted. No registers are affected. If stop3 is exited with a reset, the SPI will be put into its reset state. If
stop3 is exited with an interrupt, the SPI continues from the state it was in when stop3 was entered.
12.4
Register Definition
The SPI has five 8-bit registers to select SPI options, control baud rate, report SPI status, and for
transmit/receive data.
Refer to the direct-page register summary in the Memory chapter of this data sheet for the absolute address
assignments for all SPI registers. This section refers to registers and control bits only by their names, and
a Freescale-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
12.4.1
SPI Control Register 1 (SPIC1)
This read/write register includes the SPI enable control, interrupt enables, and configuration options.
76543210
R
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
W
Reset
00000100
Figure 12-5. SPI Control Register 1 (SPIC1)
Table 12-1. SPIC1 Field Descriptions
Field
Description
7
SPIE
SPI Interrupt Enable (for SPRF and MODF) — This is the interrupt enable for SPI receive buffer full (SPRF)
and mode fault (MODF) events.
0 Interrupts from SPRF and MODF inhibited (use polling)
1 When SPRF or MODF is 1, request a hardware interrupt
6
SPE
SPI System Enable — Disabling the SPI halts any transfer that is in progress, clears data buffers, and initializes
internal state machines. SPRF is cleared and SPTEF is set to indicate the SPI transmit data buffer is empty.
0 SPI system inactive
1 SPI system enabled
5
SPTIE
SPI Transmit Interrupt Enable — This is the interrupt enable bit for SPI transmit buffer empty (SPTEF).
0 Interrupts from SPTEF inhibited (use polling)
1 When SPTEF is 1, hardware interrupt requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com