Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 245 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 245 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 241Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 242Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 243Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 244Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 245Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 246Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 247Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 248Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 249Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 356 page
background image
Chapter 13 Serial Communications Interface (S08SCIV4)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
245
message characters. At the end of a message, or at the beginning of the next message, all receivers
automatically force RWU to 0 so all receivers wake up in time to look at the first character(s) of the next
message.
13.3.3.2.1
Idle-Line Wakeup
When WAKE = 0, the receiver is configured for idle-line wakeup. In this mode, RWU is cleared
automatically when the receiver detects a full character time of the idle-line level. The M control bit selects
8-bit or 9-bit data mode that determines how many bit times of idle are needed to constitute a full character
time (10 or 11 bit times because of the start and stop bits).
When RWU is one and RWUID is zero, the idle condition that wakes up the receiver does not set the IDLE
flag. The receiver wakes up and waits for the first data character of the next message which will set the
RDRF flag and generate an interrupt if enabled. When RWUID is one, any idle condition sets the IDLE
flag and generates an interrupt if enabled, regardless of whether RWU is zero or one.
The idle-line type (ILT) control bit selects one of two ways to detect an idle line. When ILT = 0, the idle
bit counter starts after the start bit so the stop bit and any logic 1s at the end of a character count toward
the full character time of idle. When ILT = 1, the idle bit counter does not start until after a stop bit time,
so the idle detection is not affected by the data in the last character of the previous message.
13.3.3.2.2
Address-Mark Wakeup
When WAKE = 1, the receiver is configured for address-mark wakeup. In this mode, RWU is cleared
automatically when the receiver detects a logic 1 in the most significant bit of a received character (eighth
bit in M = 0 mode and ninth bit in M = 1 mode).
Address-mark wakeup allows messages to contain idle characters but requires that the MSB be reserved
for use in address frames. The logic 1 MSB of an address frame clears the RWU bit before the stop bit is
received and sets the RDRF flag. In this case the character with the MSB set is received even though the
receiver was sleeping during most of this character time.
13.3.4
Interrupts and Status Flags
The SCI system has three separate interrupt vectors to reduce the amount of software needed to isolate the
cause of the interrupt. One interrupt vector is associated with the transmitter for TDRE and TC events.
Another interrupt vector is associated with the receiver for RDRF, IDLE, RXEDGIF and LBKDIF events,
and a third vector is used for OR, NF, FE, and PF error conditions. Each of these ten interrupt sources can
be separately masked by local interrupt enable masks. The flags can still be polled by software when the
local masks are cleared to disable generation of hardware interrupt requests.
The SCI transmitter has two status flags that optionally can generate hardware interrupt requests. Transmit
data register empty (TDRE) indicates when there is room in the transmit data buffer to write another
transmit character to SCI1D. If the transmit interrupt enable (TIE) bit is set, a hardware interrupt will be
requested whenever TDRE = 1. Transmit complete (TC) indicates that the transmitter is finished
transmitting all data, preamble, and break characters and is idle with TxD at the inactive level. This flag is
often used in systems with modems to determine when it is safe to turn off the modem. If the transmit
complete interrupt enable (TCIE) bit is set, a hardware interrupt will be requested whenever TC = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com