Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 243 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 243 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 239Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 240Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 241Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 242Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 243Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 244Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 245Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 246Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 247Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 356 page
background image
Chapter 13 Serial Communications Interface (S08SCIV4)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
243
Writing 0 to TE does not immediately release the pin to be a general-purpose I/O pin. Any transmit activity
that is in progress must first be completed. This includes data characters in progress, queued idle
characters, and queued break characters.
13.3.2.1
Send Break and Queued Idle
The SBK control bit in SCI1C2 is used to send break characters which were originally used to gain the
attention of old teletype receivers. Break characters are a full character time of logic 0 (10 bit times
including the start and stop bits). A longer break of 13 bit times can be enabled by setting BRK13 = 1.
Normally, a program would wait for TDRE to become set to indicate the last character of a message has
moved to the transmit shifter, then write 1 and then write 0 to the SBK bit. This action queues a break
character to be sent as soon as the shifter is available. If SBK is still 1 when the queued break moves into
the shifter (synchronized to the baud rate clock), an additional break character is queued. If the receiving
device is another Freescale Semiconductor SCI, the break characters will be received as 0s in all eight data
bits and a framing error (FE = 1) occurs.
When idle-line wakeup is used, a full character time of idle (logic 1) is needed between messages to wake
up any sleeping receivers. Normally, a program would wait for TDRE to become set to indicate the last
character of a message has moved to the transmit shifter, then write 0 and then write 1 to the TE bit. This
action queues an idle character to be sent as soon as the shifter is available. As long as the character in the
shifter does not finish while TE = 0, the SCI transmitter never actually releases control of the TxD pin. If
there is a possibility of the shifter finishing while TE = 0, set the general-purpose I/O controls so the pin
that is shared with TxD is an output driving a logic 1. This ensures that the TxD line will look like a normal
idle line even if the SCI loses control of the port pin between writing 0 and then 1 to TE.
The length of the break character is affected by the BRK13 and M bits as shown below.
13.3.3
Receiver Functional Description
In this section, the receiver block diagram (Figure 13-3) is used as a guide for the overall receiver
functional description. Next, the data sampling technique used to reconstruct receiver data is described in
more detail. Finally, two variations of the receiver wakeup function are explained.
The receiver input is inverted by setting RXINV = 1. The receiver is enabled by setting the RE bit in
SCI1C2. Character frames consist of a start bit of logic 0, eight (or nine) data bits (LSB first), and a stop
bit of logic 1. For information about 9-bit data mode, refer to Section 13.3.5.1, “8- and 9-Bit Data Modes.”
For the remainder of this discussion, we assume the SCI is configured for normal 8-bit data mode.
After receiving the stop bit into the receive shifter, and provided the receive data register is not already full,
the data character is transferred to the receive data register and the receive data register full (RDRF) status
Table 13-8. Break Character Length
BRK13
M
Break Character Length
0
0
10 bit times
0
1
11 bit times
1
0
13 bit times
1
1
14 bit times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com