Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 259 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 259 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 255Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 256Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 257Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 258Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 259Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 260Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 261Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 262Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 356 page
background image
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
259
Chapter 15
Timer Pulse-Width Modulator (S08TPMV3)
NOTE
This chapter refers to S08TPM version 3, which applies to the 0M74K and
newer mask sets of this device. 3M05C and older mask set devices use
S08TPM version 2. If your device uses mask 3M05C or older, please refer
to Appendix B, “Timer Pulse-Width Modulator (TPMV2) on page 331 for
information pertaining to that module.
15.1
Introduction
The TPM is a one-to-eight-channel timer system which supports traditional input capture, output compare,
or edge-aligned PWM on each channel. A control bit allows the TPM to be configured such that all
channels may be used for center-aligned PWM functions. Timing functions are based on a 16-bit counter
with prescaler and modulo features to control frequency and range (period between overflows) of the time
reference. This timing system is ideally suited for a wide range of control applications, and the
center-aligned PWM capability extends the field of application to motor control in small appliances.
The TPM uses one input/output (I/O) pin per channel, TPMxCHn, where x is the TPM number (for
example, 1 or 2) and n is the channel number (for example, 0–5). The TPM shares its I/O pins with
general-purpose I/O port pins (refer to the Pins and Connections chapter for more information).
MC9S08DN60 Series MCUs have two TPM modules. In all packages, TPM2 is 2-channel. The number
of channels available on external pins in TPM1 depends on the package:
•
Six channels in 64-pin and 48-pin packages
•
Four channels in 32-pin packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com