Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 103Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 104Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 105Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 106Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 107Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 108Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 109Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 110Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 356 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
107
6.5.7.5
Port G Drive Strength Selection Register (PTGDS)
76543210
R0
0
PTGDS5
PTGDS4
PTGDS3
PTGDS2
PTGDS1
PTGDS0
W
Reset:
00000000
= Unimplemented or Reserved
Figure 6-46. Drive Strength Selection for Port G Register (PTGDS)
Table 6-44. PTGDS Register Field Descriptions
Field
Description
5:0
PTGDS[5:0
Output Drive Strength Selection for Port G Bits — Each of these control bits selects between low and high
output drive for the associated PTG pin. For port G pins that are configured as inputs, these bits have no effect.
0 Low output drive strength selected for port G bit n.
1 High output drive strength selected for port G bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com