Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08DN60F1CLF Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 179Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 180Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 181Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 182Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 183Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 184Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 185Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 186Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 356 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
183
configured for low power operation, long sample time, continuous conversion, and automatic compare of
the conversion result to a software determined compare value.
10.4.4.1
Initiating Conversions
A conversion is initiated:
•
Following a write to ADCSC1 (with ADCH bits not all 1s) if software triggered operation is
selected.
•
Following a hardware trigger (ADHWT) event if hardware triggered operation is selected.
•
Following the transfer of the result to the data registers when continuous conversion is enabled.
If continuous conversions are enabled, a new conversion is automatically initiated after the completion of
the current conversion. In software triggered operation, continuous conversions begin after ADCSC1 is
written and continue until aborted. In hardware triggered operation, continuous conversions begin after a
hardware trigger event and continue until aborted.
10.4.4.2
Completing Conversions
A conversion is completed when the result of the conversion is transferred into the data result registers,
ADCRH and ADCRL. This is indicated by the setting of COCO. An interrupt is generated if AIEN is high
at the time that COCO is set.
A blocking mechanism prevents a new result from overwriting previous data in ADCRH and ADCRL if
the previous data is in the process of being read while in 12-bit or 10-bit MODE (the ADCRH register has
been read but the ADCRL register has not). When blocking is active, the data transfer is blocked, COCO
is not set, and the new result is lost. In the case of single conversions with the compare function enabled
and the compare condition false, blocking has no effect and ADC operation is terminated. In all other cases
of operation, when a data transfer is blocked, another conversion is initiated regardless of the state of
ADCO (single or continuous conversions enabled).
If single conversions are enabled, the blocking mechanism could result in several discarded conversions
and excess power consumption. To avoid this issue, the data registers must not be read after initiating a
single conversion until the conversion completes.
10.4.4.3
Aborting Conversions
Any conversion in progress is aborted when:
•
A write to ADCSC1 occurs (the current conversion will be aborted and a new conversion will be
initiated, if ADCH are not all 1s).
•
A write to ADCSC2, ADCCFG, ADCCVH, or ADCCVL occurs. This indicates a mode of
operation change has occurred and the current conversion is therefore invalid.
•
The MCU is reset.
•
The MCU enters stop mode with ADACK not enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com