Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 150Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 151Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 152Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 153Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 154Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 155Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 156Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 157Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 152
Preliminary
© 2009 Microchip Technology Inc.
19.2
RTCC Module Registers
The RTCC module registers are organized into three
categories:
• RTCC Control Registers
• RTCC Value Registers
• Alarm Value Registers
19.2.1
REGISTER MAPPING
To limit the register interface, the RTCC Timer and
Alarm
Time
registers
are
accessed
through
corresponding register pointers. The RTCC Value
register window (RTCVALH and RTCVALL) uses the
RTCPTR bits (RCFGCAL<9:8>) to select the desired
Timer register pair (see Table 19-1).
By writing the RTCVALH byte, the RTCC Pointer value,
the RTCPTR<1:0> bits decrement by one until they
reach ‘00’. Once they reach ‘00’, the MINUTES and
SECONDS value will be accessible through RTCVALH
and RTCVALL until the pointer value is manually
changed.
TABLE 19-1:
RTCVAL REGISTER MAPPING
The Alarm Value register window (ALRMVALH and
ALRMVALL)
uses
the
ALRMPTR
bits
(ALCFGRPT<9:8>) to select the desired Alarm register
pair (see Table 19-2).
By writing the ALRMVALH byte, the Alarm Pointer
value, ALRMPTR<1:0> bits, decrement by one until
they reach ‘00’. Once they reach ‘00’, the ALRMMIN
and ALRMSEC value will be accessible through
ALRMVALH and ALRMVALL until the pointer value is
manually changed.
TABLE 19-2:
ALRMVAL REGISTER
MAPPING
Considering that the 16-bit core does not distinguish
between 8-bit and 16-bit read operations, the user must
be aware that when reading either the ALRMVALH or
ALRMVALL bytes, the ALRMPTR<1:0> value will be
decremented. The same applies to the RTCVALH or
RTCVALL bytes with the RTCPTR<1:0> being
decremented.
19.2.2
WRITE LOCK
In order to perform a write to any of the RTCC Timer
registers, the RTCWREN bit (RCFGCAL<13>) must be
set (refer to Example 19-1).
19.2.3
SELECTING RTCC CLOCK SOURCE
The clock source for the RTCC module can be selected
using the RTCCKSEL (FDS<5>) bit. When the bit is set
to ‘1’, the Secondary Oscillator (SOSC) is used as the
reference clock and when the bit is ‘0’, LPRC is used
as the reference clock.
EXAMPLE 19-1:
SETTING THE RTCWREN BIT
RTCPTR<1:0>
RTCC Value Register Window
RTCVAL<15:8>
RTCVAL<7:0>
00
MINUTES
SECONDS
01
WEEKDAY
HOURS
10
MONTH
DAY
11
—
YEAR
ALRMPTR
<1:0>
Alarm Value Register Window
ALRMVAL<15:8> ALRMVAL<7:0>
00
ALRMMIN
ALRMSEC
01
ALRMWD
ALRMHR
10
ALRMMNTH
ALRMDAY
11
——
Note:
This only applies to read operations and
not write operations.
Note:
To avoid accidental writes to the timer, it is
recommended that the RTCWREN bit
(RCFGCAL<13>) is kept clear at any
other time. For the RTCWREN bit to be
set, there is only one instruction cycle time
window allowed between the 55h/AA
sequence and the setting of RTCWREN;
therefore, it is recommended that code
follow the procedure in Example 19-1.
asm volatile(“push w7”);
asm volatile(“push w8”);
asm volatile(“disi #5”);
asm volatile(“mov #0x55, w7”);
asm volatile(“mov w7, _NVMKEY”);
asm volatile(“mov #0xAA, w8”);
asm volatile(“mov w8, _NVMKEY”);
asm volatile(“bset _RCFGCAL, #13”); //set the RTCWREN bit
asm volatile(“pop w8”);
asm volatile(“pop w7”);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com