Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 156 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 156 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 152Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 153Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 154Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 155Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 156Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 157Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 158Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 159Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 154
Preliminary
© 2009 Microchip Technology Inc.
bit 7-0
CAL<7:0>:
RTC Drift Calibration bits
01111111
= Maximum positive adjustment; adds 508 RTC clock pulses every one minute
.
.
.
01111111
= Minimum positive adjustment; adds 4 RTC clock pulses every one minute
00000000
= No adjustment
11111111
= Minimum negative adjustment; subtracts 4 RTC clock pulses every one minute
.
.
.
10000000
= Maximum negative adjustment; subtracts 512 RTC clock pulses every one minute
REGISTER 19-1: RCFGCAL: RTCC CALIBRATION AND CONFIGURATION REGISTER(1) (CONTINUED)
Note 1:
The RCFGCAL register is only affected by a POR.
2:
A write to the RTCEN bit is only allowed when RTCWREN = 1.
3:
This bit is read-only; it is cleared to ‘0’ on a write to the lower half of the MINSEC register.
REGISTER 19-2:
PADCFG1: PAD CONFIGURATION CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
—
—
—
SMBUSDEL
OC1TRIS
RTSECSEL1(1) RTSECSEL0(1)
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented:
Read as ‘0’
bit 4-3
Described in Section 15.0 “Output Compare” and Section 17.0 “Inter-Integrated Circuit (I2C™)”.
bit 2-1
RTSECSEL<1:0>:
RTCC Seconds Clock Output Select bits(1)
11
= Reserved; do not use
10
= RTCC source clock is selected for the RTCC pin (can be LPRC or SOSC, depending on the
RTCCKSEL (FDS<5>) bit setting)
01
= RTCC seconds clock is selected for the RTCC pin
00
= RTCC alarm pulse is selected for the RTCC pin
bit 0
Unimplemented:
Read as ‘0’
Note 1:
To enable the actual RTCC output, the RTCOE (RCFGCAL<10>) bit needs to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com