Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 153Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 154Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 155Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 156Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 157Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 158Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 159Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 160Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 155
PIC24F16KA102 FAMILY
REGISTER 19-3:
ALCFGRPT: ALARM CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ALRMEN
CHIME
AMASK3
AMASK2
AMASK1
AMASK0
ALRMPTR1
ALRMPTR0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ARPT7
ARPT6
ARPT5
ARPT4
ARPT3
ARPT2
ARPT1
ARPT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ALRMEN:
Alarm Enable bit
1
= Alarm is enabled (cleared automatically after an alarm event whenever ARPT<7:0> = 00h and
CHIME = 0)
0
= Alarm is disabled
bit 14
CHIME:
Chime Enable bit
1
= Chime is enabled; ARPT<7:0> bits are allowed to roll over from 00h to FFh
0
= Chime is disabled; ARPT<7:0> bits stop once they reach 00h
bit 13-10
AMASK<3:0>:
Alarm Mask Configuration bits
0000
= Every half second
0001
= Every second
0010
= Every 10 seconds
0011
= Every minute
0100
= Every 10 minutes
0101
= Every hour
0110
= Once a day
0111
= Once a week
1000
= Once a month
1001
= Once a year (except when configured for February 29th, once every 4 years)
101x
= Reserved – do not use
11xx
= Reserved – do not use
bit 9-8
ALRMPTR<1:0>:
Alarm Value Register Window Pointer bits
Points to the corresponding Alarm Value registers when reading the ALRMVALH and ALRMVALL registers.
The ALRMPTR<1:0> value decrements on every read or write of ALRMVALH until it reaches ‘00’.
ALRMVAL<15:8>:
00
= ALRMMIN
01
= ALRMWD
10
= ALRMMNTH
11
= Unimplemented
ALRMVAL<7:0>:
00
= ALRMSEC
01
= ALRMHR
10
= ALRMDAY
11
= Unimplemented
bit 7-0
ARPT<7:0>:
Alarm Repeat Counter Value bits
11111111
= Alarm will repeat 255 more times
.
.
.
00000000
= Alarm will not repeat
The counter decrements on any alarm event; it is prevented from rolling over from 00h to FFh unless
CHIME = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com