Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA102-I/ML Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC24F16KA102-I/ML
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/ML Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC24F16KA102-I/ML Datasheet HTML 151Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 152Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 153Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 154Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 155Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 156Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 157Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 158Page - Microchip Technology PIC24F16KA102-I/ML Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 153
PIC24F16KA102 FAMILY
19.2.4
RTCC CONTROL REGISTERS
REGISTER 19-1: RCFGCAL: RTCC CALIBRATION AND CONFIGURATION REGISTER(1)
R/W-0
U-0
R/W-0
R-0, HSC
R-0, HSC
R/W-0
R/W-0
R/W-0
RTCEN(2)
—
RTCWREN
RTCSYNC
HALFSEC(3)
RTCOE
RTCPTR1
RTCPTR0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
RTCEN:
RTCC Enable bit(2)
1
= RTCC module is enabled
0
= RTCC module is disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
RTCWREN:
RTCC Value Registers Write Enable bit
1
= RTCVALH and RTCVALL registers can be written to by the user
0
= RTCVALH and RTCVALL registers are locked out from being written to by the user
bit 12
RTCSYNC:
RTCC Value Registers Read Synchronization bit
1
= RTCVALH, RTCVALL and ALCFGRPT registers can change while reading due to a rollover ripple
resulting in an invalid data read. If the register is read twice and results in the same data, the data
can be assumed to be valid.
0
= RTCVALH, RTCVALL or ALCFGRPT registers can be read without concern over a rollover ripple
bit 11
HALFSEC:
Half Second Status bit(3)
1
= Second half period of a second
0
= First half period of a second
bit 10
RTCOE:
RTCC Output Enable bit
1
= RTCC output enabled
0
= RTCC output disabled
bit 9-8
RTCPTR<1:0>:
RTCC Value Register Window Pointer bits
Points to the corresponding RTCC Value registers when reading the RTCVALH and RTCVALL registers.
The RTCPTR<1:0> value decrements on every read or write of RTCVALH until it reaches ‘00’.
RTCVAL<15:8>:
00
= MINUTES
01
= WEEKDAY
10
= MONTH
11
= Reserved
RTCVAL<7:0>:
00
= SECONDS
01
= HOURS
10
= DAY
11
= YEAR
Note 1:
The RCFGCAL register is only affected by a POR.
2:
A write to the RTCEN bit is only allowed when RTCWREN = 1.
3:
This bit is read-only; it is cleared to ‘0’ on a write to the lower half of the MINSEC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com