Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5125 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
45
4.2.3
System PLL Electrical Characteristics
4.2.4
e300 Core PLL Electrical Characteristics
The internal clocking of the e300 core is generated from and synchronized to the system clock by means of a voltage-controlled
core PLL.
Table 15. System PLL Specifications
Characteristic
Sym
Min
Typical
Max
Unit
SpecID
Sys PLL input clock frequency1
NOTES:
1 The SYS_XTAL frequency and PLL configuration bits must be chosen such that the resulting system frequency, CPU (core)
frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum operating frequencies.
fsys_xtal
16
33.3
67
MHz
O3.1
Sys PLL input clock jitter2
2 This represents total input jitter — short term and long term combined. Two different types of jitter can exist on the input to
CORE_SYSCLK, systemic and true random jitter. True random jitter is rejected. Systemic jitter is passed into and through the
PLL to the internal clock circuitry.
tjitter
10
ps
O3.2
Sys PLL VCO frequency1
fVCOsys
400
800
MHz
O3.3
Sys PLL VCO output jitter (Dj), peak to peak / cycle
fVCOjitterDj
40
ps
O3.4
Sys PLL VCO output jitter (Rj), RMS 1 sigma
fVCOjitterRj
12
ps
O3.5
Sys PLL relock time — after power up3
3 PLL-relock time is the maximum amount of time required for the PLL lock after a stable VDD and CORE_SYSCLK are reached
during the power-on reset sequence.
tlock1
200
µs
O3.6
Sys PLL relock time — when power was on4
4 PLL-relock time is the maximum amount of time required for the PLL lock after the PLL has been disabled and subsequently
re-enabled during sleep modes.
tlock2
170
µs
O3.7
Table 16. e300 PLL Specifications
Characteristic
Sym
Min
Typical
Max
Unit
SpecID
e300 frequency1, 2
NOTES:
1 The frequency and e300 PLL configuration bits must be chosen such that the resulting system frequencies, CPU (core)
frequency, and e300 PLL (VCO) frequency do not exceed their respective maximum or minimum operating frequencies in
Table 17.
2
The following hard-coded relationship exists between fcore and fVCOcore: (fcore = fVCOcore).
fcore
200
400
MHz
O4.1
e300 PLL VCO frequency1
fVCOcore
400
800
MHz
O4.3
e300 PLL input clock frequency
fCSB_CLK
50
200
MHz
O4.4
e300 PLL input clock cycle time
tCSB_CLK
5
20
ns
O4.5
e300 PLL relock time3
3 PLL-relock time is the maximum amount of time required for the PLL lock after a stable V
DD and CORE_SYSCLK are reached
during the power-on reset sequence. This specification also applies when the PLL has been disabled and subsequently
re-enabled during sleep modes.
tlock
200
µs
O4.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com