Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5125 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
Electrical and Thermal Characteristics
Freescale Semiconductor
46
4.3
AC Electrical Characteristics
4.3.1
Overview
The following list provides hyperlinks to the indicated timing specification sections.
AC test timing conditions:
Unless otherwise noted, all test conditions are as follows:
•TA = –40 to 85
oC
•VDD = 1.33 to 1.47 V
VDD_IO = 3.0 to 3.6 V
Input conditions:
All inputs: trise, tfall ≤ 1 ns
Output Loading:
All outputs: 50 pF
4.3.2
AC Operating Frequency Data
Table 17 provides the operating frequency information for the MPC5125.
NOTES:
AC Operating Frequency Data
DIU
Resets
CAN
SDRAM (DDR)
I2C
•LPC
•J1850
•NFC
•PSC
•FEC
•GPIOs and Timers
USB ULPI
Fusebox
MMC/SD/SDIO Card Host Controller (SDHC)
IEEE 1149.1 (JTAG)
Table 17. Clock Frequencies
Min
Max
Units
SpecID
e300 Processor Core
200
400
MHz
A1.1
SDRAM clock
50
200
MHz
A1.2
CSB bus clock
50
200
MHz
A1.3
IP bus clock
8.3
66
MHz
A1.4
LPC clock
2.08
66
MHz
A1.6
NFC clock
3.13
50
MHz
A1.7
DIU clock
0.78
66
MHz
A1.8
SDHC clock
0.78
50
MHz
A1.9
CLKx
0.78
66
MHZ
A1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com