Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/T Datasheet(PDF) 55 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 55 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 51Page - Microchip Technology MRF24J40-I/T Datasheet HTML 52Page - Microchip Technology MRF24J40-I/T Datasheet HTML 53Page - Microchip Technology MRF24J40-I/T Datasheet HTML 54Page - Microchip Technology MRF24J40-I/T Datasheet HTML 55Page - Microchip Technology MRF24J40-I/T Datasheet HTML 56Page - Microchip Technology MRF24J40-I/T Datasheet HTML 57Page - Microchip Technology MRF24J40-I/T Datasheet HTML 58Page - Microchip Technology MRF24J40-I/T Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 156 page
background image
REGISTER 2-47:
GPIO: GPIO PORT REGISTER (ADDRESS: 0x33)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
r
r
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
bit 7
bit 0
Legend:
r = reserved
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Reserved: Maintain as ‘0’
bit 5
GPIO5: General Purpose I/O GPIO5 bit
bit 4
GPIO4: General Purpose I/O GPIO4 bit
bit 3
GPIO3: General Purpose I/O GPIO3 bit
bit 2
GPIO2: General Purpose I/O GPIO2 bit
bit 1
GPIO1: General Purpose I/O GPIO1 bit
bit 0
GPIO0: General Purpose I/O GPIO0 bit
REGISTER 2-48:
TRISGPIO: GPIO PIN DIRECTION REGISTER (ADDRESS: 0x34)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
r
r
TRISGP5
TRISGP4
TRISGP3
TRISGP2
TRISGP1
TRISGP0
bit 7
bit 0
Legend:
r = reserved
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Reserved: Maintain as ‘0’
bit 5
TRISGP5: General Purpose I/O GPIO5 Direction bit
1
= Output
0
= Input (default)
bit 4
TRISGP4: General Purpose I/O GPIO4 Direction bit
1
= Output
0
= Input (default)
bit 3
TRISGP3: General Purpose I/O GPIO3 Direction bit
1
= Output
0
= Input (default)
bit 2
TRISGP2: General Purpose I/O GPIO2 Direction bit
1
= Output
0
= Input (default)
bit 1
TRISGP1: General Purpose I/O GPIO1 Direction bit
1
= Output
0
= Input (default)
bit 0
TRISGP0: General Purpose I/O GPIO0 Direction bit
1
= Output
0
= Input (default)
© 2010 Microchip Technology Inc.
Preliminary
DS39776C-page 55
MRF24J40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com