Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/T Datasheet(PDF) 72 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 72 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 68Page - Microchip Technology MRF24J40-I/T Datasheet HTML 69Page - Microchip Technology MRF24J40-I/T Datasheet HTML 70Page - Microchip Technology MRF24J40-I/T Datasheet HTML 71Page - Microchip Technology MRF24J40-I/T Datasheet HTML 72Page - Microchip Technology MRF24J40-I/T Datasheet HTML 73Page - Microchip Technology MRF24J40-I/T Datasheet HTML 74Page - Microchip Technology MRF24J40-I/T Datasheet HTML 75Page - Microchip Technology MRF24J40-I/T Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 156 page
background image
REGISTER 2-76:
REMCNTL: REMAIN COUNTER LOW REGISTER (ADDRESS: 0x224)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
REMCNT7
REMCNT6
REMCNT5
REMCNT4
REMCNT3
REMCNT2
REMCNT1
REMCNT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
REMCNT<7:0>: Remain Counter bits
Remain counter is a 16-bit counter. Together with the main counter times events: Beacon Interval (BI)
and inactive period for beacon-enabled devices and Sleep interval for nonbeacon-enabled devices.
Units: tick (50 ns).
REGISTER 2-77:
REMCNTH: REMAIN COUNTER HIGH REGISTER (ADDRESS: 0x225)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
REMCNT15
REMCNT14
REMCNT13 REMCNT12
REMCNT11
REMCNT10
REMCNT9
REMCNT8
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
REMCNT<15:8>: Remain Counter bits
Remain counter is a 16-bit counter. Together with the main counter times events: Beacon Interval (BI)
and inactive period for beacon-enabled devices and Sleep interval for nonbeacon-enabled devices.
Units: tick (50 ns).
MRF24J40
DS39776C-page 72
Preliminary
© 2010 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com