Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/T Datasheet(PDF) 91 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 91 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 87Page - Microchip Technology MRF24J40-I/T Datasheet HTML 88Page - Microchip Technology MRF24J40-I/T Datasheet HTML 89Page - Microchip Technology MRF24J40-I/T Datasheet HTML 90Page - Microchip Technology MRF24J40-I/T Datasheet HTML 91Page - Microchip Technology MRF24J40-I/T Datasheet HTML 92Page - Microchip Technology MRF24J40-I/T Datasheet HTML 93Page - Microchip Technology MRF24J40-I/T Datasheet HTML 94Page - Microchip Technology MRF24J40-I/T Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 156 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS39776C-page 91
MRF24J40
3.3
Interrupts
The MRF24J40 has one interrupt (INT) pin 16 that
signals one of eight interrupt events to the host
microcontroller. The interrupt structure is shown in
Figure 3-1. Interrupts are enabled via the INTCON
(0x32) register. Interrupt flags are located in the
INTSTAT (0x31) register. The INTSTAT register
clears-to-zero upon read.
Therefore, the host
microcontroller should read and store the INTSTAT
register and check the bits to determine which interrupt
occurred. The INT pin will continue to signal an
interrupt until the INTSTAT register is read. The edge
polarity of the INT pin is configured via the INTEDGE
bit in the SLPCON0 (0x211<1>) register.
Note 1: The INTEDGE polarity defaults to:
0
= Falling Edge. Ensure that the inter-
rupt polarity matches the interrupt pin
polarity of the host microcontroller.
2: The INT pin will remain high or low,
depending on INTEDGE polarity setting,
until INTSTAT register is read.
FIGURE 3-1:
MRF24J40
INTCON.SLPIE
INTSTAT.SLPIF
INTCON.WAKEIE
INTSTAT.WAKEIF
INTCON.HSYMTMRIE
INTSTAT.HSYMTMRIF
INTCON.SECIE
INTSTAT.SECIF
INTCON.RXIE
INTSTAT.RXIF
INTCON.TXG2IE
INTSTAT.TXG2IF
INTCON.TXG1IE
INTSTAT.TXG1IF
INTCON.TXNIE
INTSTAT.TXNIF
INT
SLPCON0.INTEDGE
INTERRUPT LOGIC
TABLE 3-3:
REGISTERS ASSOCIATED WITH INTERRUPTS
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x31 INTSTAT
SLPIF
WAKEIF HSYMTMRIF
SECIF
RXIF
TXG2IF
TXG1IF
TXNIF
0x32 INTCON
SLPIE
WAKEIE HSYMTMRIE
SECIE
RXIE
TXG2IE
TXG1IE
TXNIE
0x211 SLPCON0
r
r
r
r
r
r
INTEDGE
SLPCKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com