Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/T Datasheet(PDF) 92 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 92 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 88Page - Microchip Technology MRF24J40-I/T Datasheet HTML 89Page - Microchip Technology MRF24J40-I/T Datasheet HTML 90Page - Microchip Technology MRF24J40-I/T Datasheet HTML 91Page - Microchip Technology MRF24J40-I/T Datasheet HTML 92Page - Microchip Technology MRF24J40-I/T Datasheet HTML 93Page - Microchip Technology MRF24J40-I/T Datasheet HTML 94Page - Microchip Technology MRF24J40-I/T Datasheet HTML 95Page - Microchip Technology MRF24J40-I/T Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 156 page
background image
MRF24J40
DS39776C-page 92
Preliminary
© 2010 Microchip Technology Inc.
3.4
Channel Selection
The MRF24J40 is capable of selecting one of sixteen
channel frequencies in the 2.4 GHz band. The desired
channel is selected by configuring the CHANNEL bits
in the RFCON0 (0x200<7:4>) register. See Table 3-4
for the RFCON0 register setting for channel number
and frequency.
Note:
Perform an RF State Machine Reset (see
Section 3.1 “Reset”) after a channel
frequency change. Then, delay at least
192
μs after the RF State Machine Reset,
to allow the RF circuitry to calibrate.
TABLE 3-4:
CHANNEL SELECTION
RFCON0 (0x200) REGISTER
SETTING
Channel
Number
Frequency
Set Value
11
2.405 GHz
0x03
12
2.410 GHz
0x13
13
2.415 GHz
0x23
14
2.420 GHz
0x33
15
2.425 GHz
0x43
16
2.430 GHz
0x53
17
2.435 GHz
0x63
18
2.440 GHz
0x73
19
2.445 GHz
0x83
20
2.450 GHz
0x93
21
2.455 GHz
0xA3
22
2.460 GHz
0xB3
23
2.465 GHz
0xC3
24
2.470 GHz
0xD3
25
2.475 GHz
0xE3
26
2.480 GHz
0xF3
TABLE 3-5:
REGISTERS ASSOCIATED WITH CHANNEL SELECTION
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x36 RFCTL
r
r
r
WAKECNT8 WAKECNT7 RFRST
RFTX-
MODE
RFRX-
MODE
0x200 RFCON0 CHANNEL3 CHANNEL2 CHANNEL1 CHANNEL0
RFOPT3
RFOPT2 RFOPT1 RFOPT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com