Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/T Datasheet(PDF) 56 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 56 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 52Page - Microchip Technology MRF24J40-I/T Datasheet HTML 53Page - Microchip Technology MRF24J40-I/T Datasheet HTML 54Page - Microchip Technology MRF24J40-I/T Datasheet HTML 55Page - Microchip Technology MRF24J40-I/T Datasheet HTML 56Page - Microchip Technology MRF24J40-I/T Datasheet HTML 57Page - Microchip Technology MRF24J40-I/T Datasheet HTML 58Page - Microchip Technology MRF24J40-I/T Datasheet HTML 59Page - Microchip Technology MRF24J40-I/T Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 156 page
background image
REGISTER 2-49:
SLPACK: SLEEP ACKNOWLEDGEMENT AND WAKE-UP COUNTER REGISTER
(ADDRESS: 0x35)
W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SLPACK
WAKECNT6 WAKECNT5 WAKECNT4 WAKECNT3
WAKECNT2
WAKECNT1 WAKECNT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SLPACK: Sleep Acknowledge bit
1
= Places the MRF24J40 to Sleep (automatically cleared to ‘0’ by hardware)
bit 6-0
WAKECNT<6:0>: Wake Count bits
Main oscillator (20 MHz) start-up timer counter bits. WAKECNT is a 9-bit value. WAKECNT<8:7> bits are
located in RFCTL<4:3>. Units: Sleep clock (SLPCLK) period.(1) Default value: 0x00.
Recommended value: 0x05F.
Note 1: Sleep Clock (SLPCLK) period depends on the Sleep Clock Selection (SLPCLKSEL) RFCON7<7:6> and
Sleep Clock Divisor (SLPCLKDIV) SLPCON1<4:0>.
MRF24J40
DS39776C-page 56
Preliminary
© 2010 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com