Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/T Datasheet(PDF) 97 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 97 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 93Page - Microchip Technology MRF24J40-I/T Datasheet HTML 94Page - Microchip Technology MRF24J40-I/T Datasheet HTML 95Page - Microchip Technology MRF24J40-I/T Datasheet HTML 96Page - Microchip Technology MRF24J40-I/T Datasheet HTML 97Page - Microchip Technology MRF24J40-I/T Datasheet HTML 98Page - Microchip Technology MRF24J40-I/T Datasheet HTML 99Page - Microchip Technology MRF24J40-I/T Datasheet HTML 100Page - Microchip Technology MRF24J40-I/T Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 156 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS39776C-page 97
MRF24J40
3.7
Link Quality Indication (LQI)
Link Quality Indication (LQI) is a characterization of
strength or quality of a received packet. Several
metrics, for example, RSSI, Signal to Noise Ratio
(SNR), RSSI combined with SNR, etc., can be used for
measuring link quality. Using RSSI or SNR alone may
not be the best way to estimate the quality of a link. The
received RSSI value will be a very high value if a packet
is received with greater signal strength or even if an
interferer is present in the channel. Hence, for better
approximation of link quality, the MRF24J40 reports the
correlation degree between spreading sequences and
the incoming chips during the reception of a packet.
This correlation value is directly mapped to a range of
0-255 (256 values), where an LQI value of 0 indicates
that the quality of the link is very low, and an LQI value
of 255 indicates the quality of the link is very high. The
correlation degree between spreading sequences and
incoming chips is computed over a period of 3 symbol
periods during the reception of the preamble of a
packet.
The LQI is reported along with each received packet in
the RX FIFO as shown in Figure 3-2.
3.8
Beacon-Enabled and
Nonbeacon-Enabled Networks
The IEEE 802.15.4 Standard defines two modes of
operation:
• Beacon-enabled network
• Nonbeacon-enabled network
3.8.1
BEACON-ENABLED NETWORK
In a beacon-enabled network, beacons will be transmit-
ted periodically by the PAN coordinator. These
beacons are mainly used to provide synchronization
services between all the devices in the PAN and also to
support other extended features, like Guaranteed Time
Slots (GTS), a Quality of Service (QoS) mechanism for
the IEEE 802.15.4 Standard. The PAN coordinator
defines the structure of the superframe using beacons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com