Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/T Datasheet(PDF) 103 Page - Microchip Technology

Part # MRF24J40-I/T
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/T Datasheet(HTML) 103 Page - Microchip Technology

Back Button MRF24J40-I/T Datasheet HTML 99Page - Microchip Technology MRF24J40-I/T Datasheet HTML 100Page - Microchip Technology MRF24J40-I/T Datasheet HTML 101Page - Microchip Technology MRF24J40-I/T Datasheet HTML 102Page - Microchip Technology MRF24J40-I/T Datasheet HTML 103Page - Microchip Technology MRF24J40-I/T Datasheet HTML 104Page - Microchip Technology MRF24J40-I/T Datasheet HTML 105Page - Microchip Technology MRF24J40-I/T Datasheet HTML 106Page - Microchip Technology MRF24J40-I/T Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 156 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS39776C-page 103
MRF24J40
3.9
Carrier Sense Multiple
Access-Collision Avoidance
(CSMA-CA) Algorithm
MRF24J40 supports both unslotted and slotted
CSMA-CA
mechanisms,
as
defined
in
the
IEEE 802.15.4
Standard.
In
both
modes,
the
CSMA-CA algorithm is implemented using units of time
called backoff periods. In slotted CSMA-CA, the back-
off period boundaries of every device on the PAN shall
be aligned with the superframe slot boundaries of the
PAN coordinator. In unslotted CSMA-CA, the backoff
periods of one device are not related in time to the
backoff periods of any other device in the PAN. Refer to
IEEE 802.15.4-2003, Section 7.5.1.3 “The CSMA-CA
Algorithm” for more information. This section covers
the two modes and their settings.
Note:
Acknowledgment and beacon frames are
sent
without
using
a
CSMA-CA
mechanism.
3.9.1
UNSLOTTED CSMA-CA MODE
Figure 3-6 shows the unslotted CSMA-CA algorithm.
This mode is used in a nonbeacon-enabled network
where the backoff periods of one device are not related
in time to the backoff periods of any other device in the
network. Refer to IEEE 802.15.4-2003, Section 7.5.1.3
“The CSMA-CA Algorithm” for more information.
Configuring the MRF24J40 for nonbeacon-enabled
network operation is covered in
Section 3.8.2
“Nonbeacon-Enabled Network”.
FIGURE 3-6:
UNSLOTTED CSMA-CA ALGORITHM
NB = 0, BE = macMinBE
Delay for Random (2BE – 1) Backoff Periods
Perform CCA
Channel Idle?
SUCCESS
(Transmit Pending Packet)
TXNSTAT (TXSTAT 0x24<0>)
NB = NB + 1, BE = min(BE + 1, aMaxBE)
NB >
macMaxCSMABackoffs
FAILURE
(Report Channel Access Failure
to Host Microcontroller)
CCAFAIL (TXSTAT 0x24<5>)
N
Y
N
macMinBE
MACMINBE (TXMCR 0x11<4:3>)
macMaxCSMABackoffs
CSMABF (TXMCR 0x11<2:0>)
Y
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com