Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V51RB2BBC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 28Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 29Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 30Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 31Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 32Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 33Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 34Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 35Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
32 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
6.5.1 Capture mode
In the Capture mode there are two options which are selected by bit EXEN2 in T2CON. If
EXEN2 = 0 Timer 2 is a 16-bit timer or counter (as selected by C/T2 in T2CON) which
upon overflowing sets bit TF2, the Timer 2 overflow bit.
The capture mode is illustrated in Figure 12.
4
TCLK
Transmit clock flag. When set, causes the UART to use Timer 2
overflow pulses for its transmit clock in modes 1 and 3. TCLK = 0
causes Timer 1 overflows to be used for the transmit clock.
3
EXEN2
Timer 2 external enable flag. When set, allows a capture or reload to
occur as a result of a negative transition on T2EX if Timer 2 is not
being used to clock the serial port. EXEN2 = 0 causes Timer 2 to
ignore events at T2EX.
2
TR2
Start/stop control for Timer 2. A logic ‘1’ enables the timer to run.
1C/T2
Timer or counter select. (Timer 2)
0 = internal timer (fosc / 6)
1 = external event counter (falling edge triggered; external clock’s
maximum rate = fosc / 12
0
CP/RL2
Capture/Reload flag. When set, captures will occur on negative
transitions at T2EX if EXEN2 = 1. When cleared, auto-reloads will
occur either with Timer 2 overflows or negative transitions at T2EX
when EXEN2 = 1. When either RCLK = 1 or TCLK = 1, this bit is
ignored and the timer is forced to auto-reload on Timer 2 overflow.
Table 22.
T2MOD - Timer 2 mode control register (address C9H) bit allocation
Not bit addressable; Reset value: XX00 0000B
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
-
-
-
-
T2OE
DCEN
Table 23.
T2MOD - Timer 2 mode control register (address C9H) bit description
Bit
Symbol
Description
7 to 2
-
Reserved for future use. Should be set to ‘0’ by user programs.
1
T2OE
Timer 2 Output Enable bit. Used in programmable clock-out mode
only.
0
DCEN
Down Count Enable bit. When set, this allows Timer 2 to be configured
as an up/down counter.
Table 21.
T2CON - Timer/counter 2 control register (address C8H) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com