Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V51RB2BBC Datasheet(PDF) 61 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 57Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 58Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 59Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 60Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 61Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 62Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 63Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 64Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
61 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Fig 29. Oscillator characteristics (external clock drive)
Table 58.
Clock doubling features
Device
Standard mode (X1)
Clock double mode (X2)
Clocks per
machine cycle
Max. external
clock frequency
(MHz)
Clocks per
machine cycle
Max. external
clock frequency
(MHz)
P89V51RD2
12
40
6
20
Table 59.
FST - Flash status register (address B6) bit allocation
Not Bit addressable; Reset value: xxxx x0xxB
Bit
7
6
5
4
3
2
1
0
Symbol
-
SB
-
-
EDC
-
-
-
Table 60.
FST - Flash status register (address B6) bit description
Bit
Symbol
Description
7
-
Reserved for future use. Should be set to ‘0’ by user programs.
6
SB
Security bit.
5 to 4
-
Reserved for future use. Should be set to ‘0’ by user programs.
3
EDC
Enable double clock.
2 to 0
-
Reserved for future use. Should be set to ‘0’ by user programs.
002aaa546
XTAL2
n.c.
XTAL1
external
oscillator
signal
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com