Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V51RB2BBC Datasheet(PDF) 55 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 51Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 52Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 53Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 54Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 55Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 56Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 57Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 58Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
55 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
6.10 Security bit
The Security Bit protects against software piracy and prevents the contents of the flash
from being read by unauthorized parties in Parallel Programmer mode. It also protects
against code corruption resulting from accidental erasing and programming to the internal
flash memory.
When the Security Bit is activated all parallel programming commands except for
Chip-Erase are ignored (thus the device cannot be read). However, ISP reading, writing,
or erasing of the user’s code can still be performed if the serial number and length has not
been programmed. Therefore, when a user requests to program the Security Bit, the
programmer should prompt the user and program a serial number into the device.
6.11 Interrupt priority and polling sequence
The device supports eight interrupt sources under a four level priority scheme. Table 43
summarizes the polling sequence of the supported interrupts. Note that the SPI serial
interface and the UART share the same interrupt vector. (See Figure 27).
Table 43.
Interrupt polling sequence
Description
Interrupt flag
Vector address Interrupt
enable
Interrupt
priority
Service
priority
Wake-up
power-down
Ext. Int0
IE0
0003H
EX0
PX0/H
1 (highest)
yes
Brownout
-
004BH
EBO
PBO/H
2
no
T0
TF0
000BH
ET0
PT0/H
3
no
Ext. Int1
IE1
0013H
EX1
PX1/H
4
yes
T1
TF1
001BH
ET1
PT1/H
5
no
PCA
CF/CCFn
0033H
EC
PPCH
6
no
UART/SPI
TI/RI/SPIF
0023H
ES
PS/H
7
no
T2
TF2, EXF2
002BH
ET2
PT2/H
8
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com