Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V51RB2BBC Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 41Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 42Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 43Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 44Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 45Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 46Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 47Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 48Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
45 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
6.8 Watchdog timer
The device offers a programmable Watchdog Timer (WDT) for fail safe protection against
software deadlock and automatic recovery.
To protect the system against software deadlock, the user software must refresh the WDT
within a user-defined time period. If the software fails to do this periodical refresh, an
internal hardware reset will be initiated if enabled (WDRE = 1). The software can be
designed such that the WDT times out if the program does not work properly.
The WDT in the device uses the system clock (XTAL1) as its time base. So strictly
speaking, it is a Watchdog counter rather than a WDT. The WDT register will increment
every 344064 crystal clocks. The upper 8-bits of the time base register (WDTD) are used
as the reload register of the WDT.
The WDTS flag bit is set by WDT overflow and is not changed by WDT reset. User
software can clear WDTS by writing ‘1' to it.
Figure 20 provides a block diagram of the WDT. Two SFRs (WDTC and WDTD) control
WDT operation. During Idle mode, WDT operation is temporarily suspended, and
resumes upon an interrupt exit from idle.
The time-out period of the WDT is calculated as follows:
Period = (255
− WDTD) × 344064 × 1/f
CLK(XTAL1)
where WDTD is the value loaded into the WDTD register and fosc is the oscillator
frequency.
Fig 19. SPI transfer format with CPHA = 1
002aaa530
MSB
S
PICLK cycle #
(for reference)
S
PICLK (CPOL = 0)
S
PICLK (CPOL = 1)
MOSI
(from master)
MISO
(from slave)
SS (to slave)
6
12
3
4
5
6
7
8
5
MSB
6543
2
1
LSB
4
3
2
1
LSB
Fig 20. Block diagram of programmable WDT
002aaa531
WDT
UPPER BYTE
WDT reset
internal reset
344064
clks
CLK (XTAL1)
external reset
WDTC
COUNTER
WDTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com