Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V51RB2BBC Datasheet(PDF) 37 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 33Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 34Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 35Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 36Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 37Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 38Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 39Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 40Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
37 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
not cause a reload from (RCAP2H, RCAP2L) to (TH2,TL2). Therefore when Timer 2 is in
use as a baud rate generator, T2EX can be used as an additional external interrupt, if
needed.
When Timer 2 is in the baud rate generator mode, one should not try to read or write TH2
and TL2. Under these conditions, a read or write of TH2 or TL2 may not be accurate. The
RCAP2 registers may be read, but should not be written to, because a write might overlap
a reload and cause write and/or reload errors. The timer should be turned off (clear TR2)
before accessing the Timer 2 or RCAP2 registers. Table 24 shows commonly used baud
rates and how they can be obtained from Timer 2.
6.5.5 Summary of baud rate equations
Timer 2 is in baud rate generating mode. If Timer 2 is being clocked through pin T2 (P1.0)
the baud rate is:
Baud rate = Timer 2 overflow rate / 16
If Timer 2 is being clocked internally, the baud rate is:
Baud rate = fosc / (16 × (65536 − (RCAP2H, RCAP2L)))
Where fosc = oscillator frequency
To obtain the reload value for RCAP2H and RCAP2L, the above equation can be rewritten
as:
RCAP2H, RCAP2L = 65536
− f
osc / (16 × baud rate)
6.6 UARTs
The UART operates in all standard modes. Enhancements over the standard 80C51
UART include Framing Error detection, and automatic address recognition.
6.6.1 Mode 0
Serial data enters and exits through RXD and TXD outputs the shift clock. Only 8 bits are
transmitted or received, LSB first. The baud rate is fixed at 1
⁄
6 of the CPU clock frequency.
UART configured to operate in this mode outputs serial clock on TXD line no matter
whether it sends or receives data on RXD line.
Table 24.
Timer 2 generated commonly used baud rates
Rate
Osc freq
Timer 2
RCAP2H
RCAP2L
750 kBd
12 MHz
FF
FF
19.2 kBd
12 MHz
FF
D9
9.6 kBd
12 MHz
FF
B2
4.8 kBd
12 MHz
FF
64
2.4 kBd
12 MHz
FE
C8
600 Bd
12 MHz
FB
1E
220 Bd
12 MHz
F2
AF
600 Bd
6 MHz
FD
8F
220 Bd
6 MHz
F9
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com