Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V51RB2BBC Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 65Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 66Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 67Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 68Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 69Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 70Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 71Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 72Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
69 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
Fig 35. Shift register mode timing waveforms
002aaa552
ALE
0
instruction
1
2
3
4
5
6
7
8
01
2
3
4
5
6
7
valid
valid
valid
valid
valid
valid
valid
valid
TXLXL
set TI
set RI
tXHQX
tQVXH
tXHDV
tXHDX
clock
output data
write to SBUF
input data
clear RI
Table 66.
SPI interface timing
Symbol
Parameter
Conditions
Variable clock
fosc =18MHz
Unit
Min
Max
Min
Max
fSPI
SPI operating frequency
0
Tcy(clk) / 4
0
10
MHz
TSPICYC
SPI cycle time
see Figure 36, 37, 38, 39
4Tcy(clk)
-
222
-
ns
tSPILEAD
SPI enable lead time
see Figure 38, 39
250
-
250
-
ns
tSPILAG
SPI enable lag time
see Figure 38, 39
250
-
250
-
ns
tSPICLKH
SPICLK HIGH time
see Figure 36, 37, 38, 39
2Tcy(clk)
-
111
-
ns
tSPICLKL
SPICLK LOW time
see Figure 36, 37, 38, 39
2Tcy(clk)
-
111
-
ns
tSPIDSU
SPI data set-up time
master or slave; see
Figure 36, 37, 38, 39
100
-
100
-
ns
tSPIDH
SPI data hold time
master or slave; see
Figure 36, 37, 38, 39
100
-
100
-
ns
tSPIA
SPI access time
see Figure 38, 39
0
80
0
80
ns
tSPIDIS
SPI disable time
see Figure 38, 39
0
160
-
160
ns
tSPIDV
SPI enable to output
data valid time
see Figure 36, 37, 38, 39
-
111
-
111
ns
tSPIOH
SPI output data hold
time
see Figure 36, 37, 38, 39
0-
0
-
ns
tSPIR
SPI rise time
see Figure 36, 37, 38, 39
SPI outputs (SPICLK,
MOSI, MISO)
-
100
-
100
ns
SPI inputs (SPICLK,
MOSI, MISO, SS)
-
2000
-
2000
ns
tSPIF
SPI fall time
see Figure 36, 37, 38, 39
SPI outputs (SPICLK,
MOSI, MISO)
-
100
-
100
ns
SPI inputs (SPICLK,
MOSI, MISO, SS)
-
2000
-
2000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com