Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89V51RB2BBC Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P89V51RB2BBC
Description  8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V51RB2BBC Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P89V51RB2BBC Datasheet HTML 42Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 43Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 44Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 45Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 46Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 47Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 48Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 49Page - NXP Semiconductors P89V51RB2BBC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
P89V51RB2_RC2_RD2_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 12 November 2009
46 of 80
NXP Semiconductors
P89V51RB2/RC2/RD2
8-bit microcontrollers with 80C51 core
6.9 PCA
The PCA includes a special 16-bit Timer that has five 16-bit capture/compare modules
associated with it. Each of the modules can be programmed to operate in one of four
modes: rising and/or falling edge capture, software timer, high-speed output, or PWM.
Each module has a pin associated with it in port 1. Module 0 is connected to P1.3 (CEX0),
module 1 to P1.4 (CEX1), etc. Registers CH and CL contain current value of the free
running up counting 16-bit PCA timer. The PCA timer is a common time base for all five
modules and can be programmed to run at: 1
⁄
6 the oscillator frequency,
1
⁄
2 the oscillator
frequency, the Timer 0 overflow, or the input on the ECI pin (P1.2). The timer count source
is determined from the CPS1 and CPS0 bits in the CMOD SFR (see Table 35 and
Table 36).
Table 33.
WDTC - Watchdog control register (address COH) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
-
WDOUT
WDRE
WDTS
WDT
SWDT
Table 34.
WDTC - Watchdog control register (address COH) bit description
Bit
Symbol
Description
7 to 5
-
Reserved for future use. Should be set to ‘0’ by user programs.
4
WDOUT
Watchdog output enable. When this bit and WDRE are both set, a
Watchdog reset will drive the reset pin active for 32 clocks.
3
WDRE
Watchdog timer reset enable. When set enables a watchdog timer
reset.
2
WDTS
Watchdog timer reset flag, when set indicates that a WDT reset
occurred. Reset in software.
1
WDT
Watchdog timer refresh. Set by software to force a WDT reset.
0
SWDT
Start watchdog timer, when set starts the WDT. When cleared, stops
the WDT.
Fig 21. PCA
MODULE0
PCA TIMER/COUNTER
P1.3/CEX0
MODULE1
P1.4/CEX1
MODULE2
P1.5/CEX2
MODULE3
P1.6/CEX3
MODULE4
P1.7/CEX4
time base for PCA modules
Module functions:
- 16-bit capture
- 16-bit timer
- 16-bit high speed output
- 8-bit PWM
- watchdog timer (module 4 only)
16 bits
16 bits
002aaa532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com